Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90483CPMC Datasheet(PDF) 35 Page - Fujitsu Component Limited.

Part # MB90483CPMC
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90483CPMC Datasheet(HTML) 35 Page - Fujitsu Component Limited.

Back Button MB90483CPMC Datasheet HTML 31Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 32Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 33Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 34Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 35Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 36Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 37Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 38Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 39Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
35
(3) Port Input Resistance Registers
These registers control the use of pull-up resistance in input mode.
0 : No pull-up resistance in input mode.
1 : With pull-up resistance in input mode.
In output mode, these registers have no function (no pull-up resistance) . Input/output mode settings are
controlled by the setting of port direction (DDR) registers.
In case of a stop (SPL
= 1) , no pull-up resistance is applied (high impedance) . Using of this function is prohibited
when an external bus is used. Do not write to these registers.
(4) Port Output Pin Registers
*1 : The value is set to “
⎯” on MB90485B series only.
*2 : The initial value of this bit is “XX000000B” on MB90485B series only.
These registers control open drain settings in output mode.
0 : Standard output port functions in output mode.
1 : Open drain output port in output mode.
In input mode, these registers have no function (Hi-Z output) . Input/output mode settings are controlled by the
setting of port direction (DDR) registers. Using of this function is prohibited when an external bus is used. Do
not write to these registers.
(5) Analog Input Enable Register
This register controls the port 6 pins as follows.
0 : Port input/output mode.
1 : Analog input mode. The default value at reset is all “1”.
(6) Up/down Timer Input Enable Register
This register controls the port 3 pins as follows.
0 : Port input mode.
1 : Up/down timer input mode.The default value at reset is “0”.
RDR0
Initial value
Access
Address : 00001CH
00000000B
R/W
RDR1
Address : 00001DH
00000000B
R/W
76
5
4
3
2
1
0
RD06
RD07
RD05
RD04
RD03
RD02
RD01
RD00
76
5
4
3
2
1
0
RD16
RD17
RD15
RD14
RD13
RD12
RD11
RD10
ODR7
Initial value
Access
Address : 00001EH
00000000B*2
R/W
ODR4
Address : 00001BH
00000000B
R/W
76
5
4
3
2
1
0
OD75
OD74
OD73
OD72
OD71
OD70
OD76*1
OD77*1
76
5
4
3
2
1
0
OD46
OD47
OD45
OD44
OD43
OD42
OD41
OD40
ADER
Initial value Access
Address : 00001FH
11111111B
R/W
76
5
4
3
2
1
0
ADE6
ADE7
ADE5
ADE4
ADE3
ADE2
ADE1
ADE0
UDER
Initial value
Access
Address : 00000BH
XX000000B
R/W
76
5
4
3
2
1
0
UDE5
UDE4
UDE3
UDE2
UDE1
UDE0


Similar Part No. - MB90483CPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90483CPMC FUJITSU-MB90483CPMC Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90483CPMC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com