Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90485B Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90485B
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90485B Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90485B Datasheet HTML 1Page - Fujitsu Component Limited. MB90485B Datasheet HTML 2Page - Fujitsu Component Limited. MB90485B Datasheet HTML 3Page - Fujitsu Component Limited. MB90485B Datasheet HTML 4Page - Fujitsu Component Limited. MB90485B Datasheet HTML 5Page - Fujitsu Component Limited. MB90485B Datasheet HTML 6Page - Fujitsu Component Limited. MB90485B Datasheet HTML 7Page - Fujitsu Component Limited. MB90485B Datasheet HTML 8Page - Fujitsu Component Limited. MB90485B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 124 page
background image
MB90480B/485B Series
2
DS07-13722-11E
(Continued)
• Instruction set optimized for controller applications
Supported data types (bit, byte, word, or long word)
Typical addressing modes (23 types)
32-bit accumulator for enhanced high-precision calculation
Enhanced signed multiplication/division instruction and RETI instruction functions
• Instruction set designed for high-level programming language (C) and multi-task operations
System stack pointer adopted
Instruction set symmetry and barrel shift instructions
• Non-multiplex bus/multiplex bus compatible
• Enhanced execution speed
4-byte instruction queue
• Enhanced interrupt functions
8 levels setting with programmable priority, 8 external interrupts
• Data transfer function (
μDMAC)
Up to 16 channels
• Embedded ROM
Flash versions : 192 Kbytes, 256 Kbytes, 384 Kbytes, MASK versions : 192 Kbytes, 256 Kbytes
• Embedded RAM
Flash versions : 4 Kbytes, 6 Kbytes, 10 Kbytes, 24 Kbytes, MASK versions : 10 Kbytes, 16 Kbytes
• General purpose ports
Up to 84 ports
(Includes 16 ports with input pull-up resistance settings, 16 ports with output open-drain settings)
• A/D converter
8-channel RC sequential comparison type (10-bit resolution, 3.68
μs conversion time (at 25 MHz) )
•I2C interface (MB90485B series only) : 1channel, P76/P77 N-ch open drain pin (without P-ch)
Do not apply high voltage in excess of recommended operating ranges
to the N-ch open drain pin (with P-ch) in MB90V485B.
μPG (MB90485B series only) : 1 channel
• UART : 1 channel
• Extended I/O serial interface (SIO) : 2 channels
• 8/16-bit PPG : 3 channels (with 8-bit
× 6 channel/16-bit × 3 channel mode switching function)
• 8/16-bit up/down counter/timer: 1 channel (with 8-bit
× 2 channels/16-bit × 1-channel mode switching function)
• PWC (MB90485B series only) : 3 channels (Capable of compare the inputs to two of the three)
• 3 V/5 V I/F pin (MB90485B series only)
P20 to P27, P30 to P37, P40 to P47, P70 to P77
• 16-bit reload timer : 1 channel
• 16-bit I/O timer : 2 channels input capture, 6 channels output compare, 1 channel free-run timer
• On chip dual clock generator system
• Low-power consumption mode
With stop mode, sleep mode, CPU intermittent operation mode, watch mode, timebase timer mode
• Packages : QFP 100/LQFP 100
• Process : CMOS technology
• Power supply voltage : 3 V, single power supply (some ports can be operated by 5 V power supply at MB90485B
series)


Similar Part No. - MB90485B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90485 FUJITSU-MB90485 Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90485B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com