Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDKF00415070 Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # RDKF00415070
Description  M12, coding A, field attachable, straight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

RDKF00415070 Datasheet(HTML) 1 Page - SHIELD s.r.l.

  RDKF00415070 Datasheet HTML 1Page - SHIELD s.r.l. RDKF00415070 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONNECTORS | CONNETTORI version 091028
RDJ / RDK
45-42
www.shield.net
M12, coding A, field attachable, straight
M12, codifica A, da cablare, diritto
IEC 61076-2-101 round connector;
from 4 to 12 poles;
male or female;
application with sensors and distribution boxes, etc.
connettore rotondo IEC61076-2-101;
da 4 a 12 poli;
maschio o femmina;
applicazione con sensori e scatole derivazione, ecc.
General characteristics
Caratteristiche generali
housing material: PA66 30%GF
contact material: golden over nickel plated CuZn (8 and 12 poles)
optalloy (4 and 5 poles)
protection degree IEC 60529: IP67 (a3)
working temperature: -25…90°C (-5…50°C for piercing system)
oil resistance: very good
locking nut material (see table below): nickel plated metal (N); stainless steel (S), plastic (P)
materiale rivestimento: PA66 30%GF
materiale contatti: CuZn dorato sopra nichelatura (8 e 12 poli)
optalloy (4 e 5 poli)
grado protezione IEC 60529: IP67 (a3)
temperatura di lavoro: -25…90°C (-5…50°C per sistema a perforazione di isolante)
resistenza olio: ottima
materiale ghiera (vedere tabella sotto): metallo nichelato (N); acciaio inox (S), plastica (P)
description
code
codice
descrittivo
(a1)
female
face view
vista
frontale
femmina
cod
ing
chia
ve
locking
nut
material
materiale
ghiera
gender
genere
(a6)
cabling
system
sistema
cablaggio
cable
diameter
diametro
cavo
mm
max no.
contacts
n° contatti
max
max
wires section
max
sezione fili
mm2
voltage
tensione
Vdc / Vac
max
current
corrente
max
A
RDJF 00410 070
A5
N
F
screw
vite
4…6,5
4
0,75
1…250
4
RDJM 00410 070
M
RDJF 00410 090
F
6…8
4
0,75
1…250
4
RDJM 00410 090
M
RDJF 00410 075
S
F
4…6,5
4
0,75
1…250
4
RDJM 00410 075
M
RDJF 00410 095
F
6…8
4
0,75
1…250
4
RDJM 00410 095
M
RDJF 00410 120
N
F
screw
vite
double cable
doppio cavo
2,1…3
4…5
4
0,75
1…250
4
RDJM 00410 120
M
RDJF 00410 125
S
F
4
0,75
1…250
4
RDJM 00410 125
M
RDJF 00410 126
P
F
4
0,75
1…250
4
RDJM 00410 126
M
RDJF 00415 070
N
F
piercing
perforazione
3…5,1
4
0,34
1…50
4
RDJM 00415 070
M
RDJF 00510 070
A5
N
F
screw
vite
4…6,5
5
0,75
1…60
4
RDJM 00510 070
M
RDJF 00510 090
F
6…8
5
0,75
1…60
4
RDJM 00510 090
M
RDJF 00510 075
S
F
4…6,5
5
0,75
1…60
4
RDJM 00510 075
M
RDJF 00510 095
F
6…8
5
0,75
1…60
4
RDJM 00510 095
M
RDJF 00510 120
N
F
screw
vite
double cable
doppio cavo
2,1…3
4…5
5
0,75
1…60
4
RDJM 00510 120
M
RDJF 00510 125
S
F
5
0,75
1…60
4
RDJM 00510 125
M
RDJF 00510 126
P
F
5
0,75
1…60
4
RDJM 00510 126
M
RDJF 00810 090
A8
N
F
screw
vite
6…8
8
0,50
1…30
2
RDJM 00810 090
M
RDJF 00810 095
S
F
8
0,50
1…30
2
RDJM 00810 095
M
RDJF 00810 120
N
F
screw
vite
double cable
doppio cavo
2,1…3
4…5
8
0,50
1…30
2
RDJM 00810 120
M
RDJF 00810 125
S
F
8
0,50
1…30
2
RDJM 00810 125
M
RDJF 01211 090
A12
N
F
solder
saldatura
6…8
12
0,25
1…30
1
RDJM 01211 090
M
(a1) yellow codes are preferred;
i codici gialli sono preferiti
(a3) the protection degree level is guaranteed only when correctly assembled with Shield’s counterpart;
il livello del grado di protezione è garantito solo quando correttamente montato con la controparte Shield.
(a6) F = female; M = male;
F = femmina; M = maschio.


Similar Part No. - RDKF00415070

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RDK--10 SUNHOLD-RDK--10 Datasheet
527Kb / 2P
   RDK SERIES
RDK--12 SUNHOLD-RDK--12 Datasheet
527Kb / 2P
   RDK SERIES
RDK-A-10 SUNHOLD-RDK-A-10 Datasheet
527Kb / 2P
   RDK SERIES
RDK-A-12 SUNHOLD-RDK-A-12 Datasheet
527Kb / 2P
   RDK SERIES
logo
Texas Instruments
RDK-ACIM TI-RDK-ACIM Datasheet
220Kb / 5P
[Old version datasheet]   AC Induction Motor (ACIM) Control Board
More results

Similar Description - RDKF00415070

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
202 ALPHAWIRE-202 Datasheet
195Kb / 2P
   M12-A Female 4 Pin Field Attachable
200 ALPHAWIRE-200 Datasheet
194Kb / 2P
   M12-A Female 4 Pin Field Attachable
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
   M12-A Male 4 Pin Field Attachable
206 ALPHAWIRE-206 Datasheet
211Kb / 2P
   M12-A Male 4 Pin Field Attachable
207 ALPHAWIRE-207 Datasheet
212Kb / 2P
   M12-A Male 5 Pin Field Attachable
203 ALPHAWIRE-203 Datasheet
195Kb / 2P
   M12-A Female 5 Pin Field Attachable
logo
SHIELD s.r.l.
RDLF06100 SHIELD-RDLF06100 Datasheet
340Kb / 4P
   M12, coding A, with cable, straight
logo
Molex Electronics Ltd.
1200710031 MOLEX-1200710031 Datasheet
46Kb / 1P
   Micro-Change (M12) Field Attachable Connector, 8 Poles, Straight
logo
Alpha Wire
204 ALPHAWIRE-204 Datasheet
217Kb / 2P
   M12-A Female 90 Degree 4 Pin Field Attachable
205 ALPHAWIRE-205 Datasheet
216Kb / 2P
   M12-A Female 90 Degree 5 Pin Field Attachable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com