Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC54-74HC354 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MC54-74HC354
Description  8-Input Data Selector/Multiplexer With Data and Address Latches and 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54-74HC354 Datasheet(HTML) 3 Page - Motorola, Inc

  MC54-74HC354 Datasheet HTML 1Page - Motorola, Inc MC54-74HC354 Datasheet HTML 2Page - Motorola, Inc MC54-74HC354 Datasheet HTML 3Page - Motorola, Inc MC54-74HC354 Datasheet HTML 4Page - Motorola, Inc MC54-74HC354 Datasheet HTML 5Page - Motorola, Inc MC54-74HC354 Datasheet HTML 6Page - Motorola, Inc MC54-74HC354 Datasheet HTML 7Page - Motorola, Inc MC54-74HC354 Datasheet HTML 8Page - Motorola, Inc MC54-74HC354 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC54/74HC354
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Unit
Guaranteed Limit
VCC
V
Condition
Parameter
Symbol
Unit
≤125°C
≤85°C
–55 to 25
°C
VCC
V
Condition
Parameter
IOZ
Maximum Three–State Leakage
Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
±0.5
±5.0
±10.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0µA
6.0
8
80
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, D0–D7 to Y or Y
(Figures 2 and 6)
2.0
4.5
6.0
210
42
36
265
53
45
315
63
54
ns
tPLH,
tPHL
Maximum Propagation Delay, Data–Latch Enable to Y or Y
(Figures 3 and 6)
2.0
4.5
6.0
260
52
44
325
65
55
390
78
66
ns
tPLH,
tPHL
Maximum Propagation Delay, A0–A2 to Y or Y
(Figures 2 and 6)
2.0
4.5
6.0
270
54
46
340
68
58
405
81
69
ns
tPLH,
tPHL
Maximum Propagation Delay, Address–Latch Enable to Y or Y
(Figures 3 and 6)
2.0
4.5
6.0
270
54
46
340
68
58
405
81
69
ns
tPLZ,
tPHZ
Maximum Propagation Delay, OE1–OE3 to Y or Y
(Figures 4 and 7)
2.0
4.5
6.0
160
32
27
200
40
34
240
48
41
ns
tPZL,
tPZH
Maximum Propagation Delay, OE1–OE3 to Y or Y
(Figures 4 and 7)
2.0
4.5
6.0
125
25
21
155
31
26
190
38
32
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 6)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance (Output in High Impedance
State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Package)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Package)*
48
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn