Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAT2208H1000FST1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PAT2208H1000FST1
Description  Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAT2208H1000FST1 Datasheet(HTML) 2 Page - Vishay Siliconix

  PAT2208H1000FST1 Datasheet HTML 1Page - Vishay Siliconix PAT2208H1000FST1 Datasheet HTML 2Page - Vishay Siliconix PAT2208H1000FST1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: thinfilm@vishay.com
Document Number: 60024
82
Revision: 25-Aug-10
PAT
Vishay Thin Film
Precision Automotive Thin Film Chip Resistors,
AEC-Q200 Qualified, 2 kV ESD Rating
Note
(1) Preferred packaging code
DIMENSIONS in inches
CASE SIZE
L
W
T
D
E
0402
0.042 ± 0.008
0.022 ± 0.005
0.015 ± 0.003
0.010 ± 0.005
0.010 ± 0.005
0603
0.064 ± 0.006
0.032 ± 0.005
0.015 ± 0.003
0.012 ± 0.005
0.015 ± 0.005
0805
0.080 ± 0.006
0.050 ± 0.005
0.015 ± 0.003
0.015 ± 0.005
0.015 ± 0.005
1206
0.126 ± 0.008
0.063 ± 0.005
0.015 ± 0.003
0.020 + 0.005, - 0.010 0.020 + 0.005, - 0.010
1505
0.155 ± 0.007
0.050 ± 0.005
0.015 ± 0.003
0.015 ± 0.005
0.015 ± 0.005
2010
0.209 ± 0.009
0.098 ± 0.005
0.015 ± 0.003
0.020 ± 0.005
0.020 ± 0.005
2208
0.230 ± 0.007
0.075 ± 0.005
0.015 ± 0.003
0.020 ± 0.005
0.020 ± 0.005
2512
0.259 ± 0.009
0.124 ± 0.005
0.015 ± 0.003
0.020 ± 0.005
0.020 ± 0.005
ENVIRONMENTAL TESTS (Vishay Performance vs. AEC-Q200 Requirements)
ENVIRONMENTAL TEST
CONDITIONS
LIMITS
PER AEC-Q200
TYPICAL VISHAY
PERFORMANCE
Resistance Temperature Characteristic
- 55 °C to + 125 °C
± 50 ppm/°C
± 35 ppm/°C
Max. Ambient Temp. at Rated Wattage
+ 70 °C
+ 70 °C
Max. Ambient Temp. at Power Derating
+ 150 °C
+ 150 °C
High Temperature Storage
ΔR
MIL-STD-202, 108, 1000 h at 125 °C
± 0.1 %
+ 0.016 %
Temperature Cycling
ΔR
JESD22, JA-104, 1000 cycles, - 55 °C to + 125 °C
± 0.15 %
+ 0.013 %
Moisture Resistance
ΔR
MIL-STD-202, 106
± 0.20 %
+ 0.0010 %
Biased Humidity
ΔR
MIL-STD-202, 103, 1000 h at 85 °C, 85 % RH, 10 % P
± 0.10 %
+ 0.0297 %
Life
ΔR
MIL-STD-202, 108 at 125 °C, 1000 h
± 0.1 %
+ 0.0220 %
Mechanical Shock
ΔR
MIL-STD-202, method 213, condition C
± 0.1 %
+ 0.0130 %
Vibration
ΔR
MIL-STD-202 method 204, 10 Hz to 2 kHz
± 0.1 %
+ 0.0030 %
Resistance to Soldering Heat
ΔR
MIL-STD-202, 204, condition B
± 0.10 %
+ 0.0150 %
Electrostatic Discharge
ΔR
AEC-Q200-002 at 2 kV, human body
± 0.10 %
- 0.032 %
Solderability
Visual
J-STD-002, method B and B1
95 %
Acceptable
Terminal Strength
ΔR
AEC-Q200-006 at 1 kg for 60 s
± 0.10 %
+ 0.012 %
Flame Retardance
Visual
AEC-Q200-001 para 4.0
Acceptable
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: PAT1206E1002BST1
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
PAT
0402
0603
0805
1206
1505
2010
2208
2512
E = ± 25 ppm/°C
H = ± 50 ppm/°C
K = ± 100 ppm/°C
The first 3 digits are
significant
figures
and the last digit
specifies the number
of zeros to follow.
“R” designates the
decimal point.
Example:
10R0 = 10
Ω
1000 = 100
Ω
1002 = 10 k
Ω
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
S = Wraparound
lead (Pb)-free
solder
w/nickel barrier
TAPE AND REEL
T1 = 1000 min., 1000 mult (1)
TF = Full reel
TS = 100 min., 1 mult
D
L
E
T
W
L
DT
06
E
1
0
2
B
0
1
ST
1
T
PA
2


Similar Part No. - PAT2208H1000FST1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAT20012 NIEC-PAT20012 Datasheet
257Kb / 5P
   THYRISTOR MODULE
PAT20016 NIEC-PAT20016 Datasheet
257Kb / 5P
   THYRISTOR MODULE
logo
Kyocera Kinseki Corpota...
PAT20016 KSS-PAT20016 Datasheet
968Kb / 3P
   Thyristor
logo
Nihon Inter Electronics...
PAT2008 NIEC-PAT2008 Datasheet
261Kb / 5P
   THYRISTOR MODULE
More results

Similar Description - PAT2208H1000FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAT VISHAY-PAT_15 Datasheet
104Kb / 4P
   Precision Automotive Thin Film Chip Resistors,AEC-Q200 Qualified, 2 kV ESD Rating
Revision: 07-Sep-15
PAT VISHAY-PAT_V01 Datasheet
107Kb / 4P
   Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, Hi-Rel COTS
01-Jan-2022
PATT VISHAY-PATT Datasheet
94Kb / 4P
   Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
Revision: 17-Sep-13
CHA VISHAY-CHA Datasheet
175Kb / 12P
   AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip ResistorS
01-Jan-2022
VMN-PT9192-1302 VISHAY-VMN-PT9192-1302 Datasheet
635Kb / 2P
   Automotive Qualified Professional and Precision Thin Film Chip Resistors
Revision 21-Jan-13
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
   High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
01-Jan-2022
PATT VISHAY-PATT_V01 Datasheet
96Kb / 4P
   Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
01-Jan-2022
logo
TE Connectivity Ltd
3521 TEC-3521 Datasheet
264Kb / 7P
   SMD POWER RESISTORS AEC-Q200 QUALIFIED
3522 TEC-3522 Datasheet
269Kb / 7P
   SMD POWER RESISTORS - AEC-Q200 QUALIFIED
9-1773463-5 TEC-9-1773463-5 Datasheet
264Kb / 7P
   SMD POWER RESISTORS AEC-Q200 QUALIFIED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com