Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAT2010H1000FST1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PAT2010H1000FST1
Description  Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAT2010H1000FST1 Datasheet(HTML) 1 Page - Vishay Siliconix

  PAT2010H1000FST1 Datasheet HTML 1Page - Vishay Siliconix PAT2010H1000FST1 Datasheet HTML 2Page - Vishay Siliconix PAT2010H1000FST1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 60024
For technical questions, contact: thinfilm@vishay.com
www.vishay.com
Revision: 25-Aug-10
81
Precision Automotive Thin Film Chip Resistors,
AEC-Q200 Qualified, 2 kV ESD Rating
PAT
Vishay Thin Film
These
chip
resistors
are
available
in
wraparound
terminations styles in 8 case sizes. They incorporate self
passivated enhanced tantalum nitride resistor film to give
superior performance on moisture resistance, electrostatic
discharge,
voltage
coefficient,
power
handling
and
resistance stability. The terminations consist of an adhesion
layer, a leach resistant nickel barrier, and solder coating
(lead
(Pb)-free).
This
product
will
out-perform
all
requirements of AEC-Q200.
CONSTRUCTION
FEATURES
• Resistance range: 10
Ω to 3 MΩ
• AEC-Q200 qualified
• AEC-Q200 ESD rated class 1C (2 kV)
• Laser trimmed to any value
• Moisture resistant to MIL-STD-202, method 202
• Tantalum nitride resistor film on high purity alumina
substrate
• 100 % visual inspected per MIL-PRF-55342
• Laser-trimmed tolerances to ± 0.1 %
• Load life stability < 0.05 % at 1000 h at 70 °C
• Very low noise and voltage coefficient
(< - 30 dB, < 0.1 ppm/V)
• Compliant to RoHS directive 2002/95/EC
TYPICAL PERFORMANCE
Adhesion Layer
High Purity
Alumina Substrate
Nickel Barrier
Solder
Coating
Passivation
Tantalum Nitride
Resistive Film
ABSOLUTE
TCR
25
TOL.
0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Tantalum nitride
-
Resistance Range
10
Ω to 3 MΩ
-
TCR: Absolute
± 25 ppm/°C to ± 100 ppm/°C
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.1 % to ± 1.0 %
+ 25 °C
Stability: Absolute
± 0.05 %
2000 h at 70 °C rated power
Stability: Ratio
Not applicable
-
Voltage Coefficient
Less than 0.1 ppm/V
-
Working Voltage
75 V to 200 V
-
Operating Temperature Range
- 55 °C to + 150 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
< - 30 dB
-
Shelf Life Stability: Absolute
100 ppm
1 year at 25 °C
COMPONENT RATINGS
CASE SIZE
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
Ω)
0402
50
75
20 to 35K
0603
150
75
10 to 80K
0805
200
100
10 to 301K
1206
400
200
10 to 1M
1505
400
150
10 to 1M
2208
750
150
10 to 1.75M
2010
800
200
10 to 2M
2512
1000
200
10 to 3M
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902


Similar Part No. - PAT2010H1000FST1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAT20012 NIEC-PAT20012 Datasheet
257Kb / 5P
   THYRISTOR MODULE
PAT20016 NIEC-PAT20016 Datasheet
257Kb / 5P
   THYRISTOR MODULE
logo
Kyocera Kinseki Corpota...
PAT20016 KSS-PAT20016 Datasheet
968Kb / 3P
   Thyristor
logo
Nihon Inter Electronics...
PAT2008 NIEC-PAT2008 Datasheet
261Kb / 5P
   THYRISTOR MODULE
More results

Similar Description - PAT2010H1000FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAT VISHAY-PAT_15 Datasheet
104Kb / 4P
   Precision Automotive Thin Film Chip Resistors,AEC-Q200 Qualified, 2 kV ESD Rating
Revision: 07-Sep-15
PAT VISHAY-PAT_V01 Datasheet
107Kb / 4P
   Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, Hi-Rel COTS
01-Jan-2022
PATT VISHAY-PATT Datasheet
94Kb / 4P
   Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
Revision: 17-Sep-13
CHA VISHAY-CHA Datasheet
175Kb / 12P
   AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip ResistorS
01-Jan-2022
VMN-PT9192-1302 VISHAY-VMN-PT9192-1302 Datasheet
635Kb / 2P
   Automotive Qualified Professional and Precision Thin Film Chip Resistors
Revision 21-Jan-13
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
   High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
01-Jan-2022
PATT VISHAY-PATT_V01 Datasheet
96Kb / 4P
   Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
01-Jan-2022
logo
TE Connectivity Ltd
3521 TEC-3521 Datasheet
264Kb / 7P
   SMD POWER RESISTORS AEC-Q200 QUALIFIED
3522 TEC-3522 Datasheet
269Kb / 7P
   SMD POWER RESISTORS - AEC-Q200 QUALIFIED
9-1773463-5 TEC-9-1773463-5 Datasheet
264Kb / 7P
   SMD POWER RESISTORS AEC-Q200 QUALIFIED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com