Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXI-8106 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # PXI-8106
Description  Intel Core 2 Duo processor T7400(2.16 GHz dual core)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-8106 Datasheet(HTML) 6 Page - National Instruments Corporation

  PXI-8106 Datasheet HTML 1Page - National Instruments Corporation PXI-8106 Datasheet HTML 2Page - National Instruments Corporation PXI-8106 Datasheet HTML 3Page - National Instruments Corporation PXI-8106 Datasheet HTML 4Page - National Instruments Corporation PXI-8106 Datasheet HTML 5Page - National Instruments Corporation PXI-8106 Datasheet HTML 6Page - National Instruments Corporation PXI-8106 Datasheet HTML 7Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Storage Environment
Ambient temperature
NI PXI-8106
Base ..........................................................................
-40 to 65 °C (tested in accordance with IEC-60068-2-1 and IEC-60068-2-2)
Extended Temperature .............................................
-40 to 71 °C (tested in accordance with IEC-60068-2-1 and IEC-60068-2-2)
NI PXIe-8106
Base ..........................................................................
-40 to 65 °C (tested in accordance with IEC-60068-2-1 and IEC-60068-2-2.
Meets MIL-PRF-28800F Class 3 low temperature limit.)
Extended Temperature .............................................
-40 to 71 °C (tested in accordance with IEC-60068-2-1 and IEC-60068-2-2.
Meets MIL-PRF-28800F Class 3 limits.)
Relative humidity...............................................................
5 to 95% noncondensing (tested in accordance with IEC-60068-2-56)
Shock and Vibration
Operational shock
NI PXI-8106 .......................................................................
30 g peak, half-sine, 11 ms pulse (tested in accordance with IEC-60068-2-27;
test profile developed in accordance with MIL-PRF-28800F)
NI PXIe-8106 .....................................................................
30 g peak, half-sine, 11 ms pulse (tested in accordance with IEC-60068-2-27.
Meets MIL-PRF-28800F Class 3 limits.)
Random vibration
Operating ...........................................................................
5 to 500 Hz, 0.3 grms (with solid-state hard drive)
Nonoperating.....................................................................
5 to 500 Hz, 2.4 grms (tested in accordance with IEC-60068-2-64;
nonoperating test profile exceeds the requirements of MIL-PRF-28800F, Class 3)
Note: Specifications subject to change without notice.
Safety Compliance
EN 61010-1, IEC 61010-1, UL 61010-01, CSA 61010-1
Electromagnetic Compatibility
Refer to the Declaration of Conformity (DoC) for regulatory compliance information.
To obtain the DoC for this product, click Declaration of Conformity at ni.com/hardref.nsf.
2.16 GHz Dual-Core Embedded Controllers for PXI and PXI Express
6
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)


Similar Part No. - PXI-8106

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8101 NI-PXI-8101 Datasheet
797Kb / 6P
   High-Value Embedded Controllers for PXI
PXI-8101RT NI-PXI-8101RT Datasheet
948Kb / 5P
   2.0 GHz Intel Celeron 575 Real-Time Embedded Controllers for PXI
PXI-8104RT NI-PXI-8104RT Datasheet
1Mb / 5P
   1.86 GHz Intel Celeron M Real-Time Embedded Controllers for PXI
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
More results

Similar Description - PXI-8106

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
logo
ADL Embedded Solutions
ADL945HD ADL-ADL945HD Datasheet
225Kb / 2P
   Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com