Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXI-8105 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # PXI-8105
Description  Intel Core Duo Processor T2500(2.0 GHz dual core)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-8105 Datasheet(HTML) 4 Page - National Instruments Corporation

  PXI-8105 Datasheet HTML 1Page - National Instruments Corporation PXI-8105 Datasheet HTML 2Page - National Instruments Corporation PXI-8105 Datasheet HTML 3Page - National Instruments Corporation PXI-8105 Datasheet HTML 4Page - National Instruments Corporation PXI-8105 Datasheet HTML 5Page - National Instruments Corporation PXI-8105 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2.0 GHz Dual-Core Embedded Controller for PXI
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Specifications
Specifications subject to change without notice.
Features
Processor................................................................................
Intel Core Duo Processor T2500 (2.0 GHz Dual Core)
Chipset ...................................................................................
Mobile Intel 945GM Express chipset
Ethernet..................................................................................
10/100/1000BASE-TX, RJ45 connector
Video ......................................................................................
Intel Graphics Media Accelerator 950
Serial ......................................................................................
1 (RS232)
Parallel port............................................................................
IEEE 1284 Type C connector (miniature) (adapter cable not included)
GPIB .......................................................................................
PCI-GPIB/TNT, micro D25 connector
IEEE 488 and HS488 transfers (adapter cable not included)
Hi-Speed USB ........................................................................
4
RAM .......................................................................................
2 SO-DIMM sockets, DDR2 SDRAM, PC2 5400
512 MB (1 x 512 DIMM) standard, 4 GB (2 x 2 GB DIMMs) maximum
Hard drive
Base ...................................................................................
60 GB minimum, internal 2.5 in., 9.5 mm Serial ATA 1.0 interface
Extended temperature option............................................
30 GB minimum, internal 2.5 in., 9.5 mm Fast Ultra ATA100 interface
V (I/O) keying .........................................................................
Chassis V (I/O) = +5 VDC (blue key)
Ordering Information
For online configuration of a complete PXI system, including Factory
Installation Services, visit ni.com/pxiadvisor.
Step 1. Controller Model – select one of the following.
NI PXI-8105
Base ..................................................................................779917-xx
Extended Temperature ......................................................779918-xx
Step 2. Replace “xx” to select installed OS.
01....................................................Windows XP Professional (English)
00..................................................Localized Windows XP or Other OS1
1Contact National Instruments or visit ni.com/pxiadvisor for the latest
operating systems.
Step 3. Memory upgrades – select the amount of
upgrade memory.
Standard:
512 MB (1 x 512 MB DIMM)
Recommended upgraded memory configurations:
1 GB (1 x 512 MB DIMM must be purchased)
2 GB (2 x 1 GB DIMMs must be purchased)
4 GB (2 x 2 GB DIMMs must be purchased)
512 MB DDR2 RAM ............................................................779302-512
1 GB DDR2 RAM................................................................779302-1024
2 GB DDR2 RAM................................................................780031-2048
Step 4. Accessories2
USB-to-dual-PS/2 keyboard/mouse adapter cable ..............778713-02
External USB CD-ROM/DVD-ROM drive ..............................778492-01
External USB floppy drive......................................................778492-02
Spare DVI-I to VGA adapter ..................................................778713-03
Parallel port adapter cable (6 in.)..........................................777169-01
Micro-GPIB to GPIB adapter cable (0.2 m) ........................183285-0R2
Micro-GPIB to GPIB cable (1 m) ............................................183285-01
Micro-GPIB to GPIB cable (2 m) ............................................183285-02
ExpressCard strain-relief accessory
for embedded controllers ..................................................192524-01
NI FPT-1015 15 in. flat panel touch screen with VGA
Interface and USB ............................................................779560-01
2For additional peripheral modules, including serial, IEEE 1394, and SCSI modules,
visit ni.com/pxiadvisor.
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/pxi.


Similar Part No. - PXI-8105

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8101 NI-PXI-8101 Datasheet
797Kb / 6P
   High-Value Embedded Controllers for PXI
PXI-8101RT NI-PXI-8101RT Datasheet
948Kb / 5P
   2.0 GHz Intel Celeron 575 Real-Time Embedded Controllers for PXI
PXI-8104RT NI-PXI-8104RT Datasheet
1Mb / 5P
   1.86 GHz Intel Celeron M Real-Time Embedded Controllers for PXI
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
More results

Similar Description - PXI-8105

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
logo
Intel Corporation
T2700 INTEL-T2700 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
logo
AAEON Technology
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com