Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCL207A253AR-G Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XCL207A253AR-G
Description  Inductor Built-in Step-Down micro DC/DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL207A253AR-G Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XCL207A253AR-G Datasheet HTML 6Page - Torex Semiconductor XCL207A253AR-G Datasheet HTML 7Page - Torex Semiconductor XCL207A253AR-G Datasheet HTML 8Page - Torex Semiconductor XCL207A253AR-G Datasheet HTML 9Page - Torex Semiconductor XCL207A253AR-G Datasheet HTML 10Page - Torex Semiconductor XCL207A253AR-G Datasheet HTML 11Page - Torex Semiconductor XCL207A253AR-G Datasheet HTML 12Page - Torex Semiconductor XCL207A253AR-G Datasheet HTML 13Page - Torex Semiconductor XCL207A253AR-G Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10/26
XCL205/XCL206/XCL207 Series
ELECTRICAL CHARACTERISTICS (Continued)
PFM Switching Current (IPFM) by Nominal Output Voltage (XCL206/XCL207 Series)
NOMINAL OUTPUT VOLTAGE
MIN.
TYP.
MAX.
0.8V ≦ VOUT(T) ≦ 1.2V
190mA
260mA
350mA
1.2V < VOUT(T) <1.8V
180mA
240mA
300mA
1.8V ≦ VOUT(T) ≦ 4.0V
170mA
220mA
270mA
Input Voltage (VIN) for PFM Duty Limit (XCL206/XCL207 Series)
fOSC
3.0MHz
VIN Voltage (C-1)
VOUT(T)+1.0V
Minimum voltage (C-1) is 2.0V.
Soft-Start Time, Nominal Output Voltage(XCL205B/XCL206B/XCL207B Series)
SERIES
fOSC
NOMINAL OUTPUT VOLTAGE
MIN.
TYP.
MAX.
0.8V≦VOUT(T)<1.8V
-
0.25ms
0.40ms
XCL205B/
XCL206B/XCL207B
3.0MHz
1.8V≦VOUT(T) ≦4.0V
-
0.32ms
0.50ms
TYPICAL APPLICATION CIRCUIT
XCL205/XCL206/XCL207 Series
External Components
CIN : 10V/4.7μF (Ceramic)
CL : 6.3V/10μF (Ceramic)
NOTE
The Inductor can be used only for this DC/DC converter.
Please do not use this inductor for the other reasons.
Please use B, X5R, and X7R grades in temperature characteristics for CIN and CL capacitors.
These grade ceramic capacitors minimize capacitance-loss as a function of voltage stress.
V
Vss
Vss
Lx
VOUT
IN
CE/MODE
L1
L2
C
C
IN
L


Similar Part No. - XCL207A253AR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL207 TOREX-XCL207 Datasheet
562Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
More results

Similar Description - XCL207A253AR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
   Inductor Built-in Step-Down “mini DC/DC” Converters
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
   Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Murata Manufacturing Co...
MYRGM-X MURATA1-MYRGM-X Datasheet
2Mb / 17P
   2.0A Inductor Built-in Step-Down DC/DC Converters
logo
Torex Semiconductor
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
   400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
   1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com