Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC54-74HC273A Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC54-74HC273A
Description  Octal D Flip-Flop with Common Clock and Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54-74HC273A Datasheet(HTML) 4 Page - Motorola, Inc

  MC54-74HC273A Datasheet HTML 1Page - Motorola, Inc MC54-74HC273A Datasheet HTML 2Page - Motorola, Inc MC54-74HC273A Datasheet HTML 3Page - Motorola, Inc MC54-74HC273A Datasheet HTML 4Page - Motorola, Inc MC54-74HC273A Datasheet HTML 5Page - Motorola, Inc MC54-74HC273A Datasheet HTML 6Page - Motorola, Inc MC54-74HC273A Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC54/74HC273A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
3–4
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Sb l
P
Fi
V
Guaranteed Limit
Ui
Sb l
P
Fi
VCC
– 55 to 25
_C
v 85_C
v 125_C
Ui
Symbol
Parameter
Fig.
VCC
Volts
Min
Max
Min
Max
Min
Max
Unit
tsu
Minimum Setup Time, Data to Clock
3
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
th
Minimum Hold Time, Clock to Data
3
2.0
3.0
4.5
6.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
ns
trec
Minimum Recovery Time, Reset Inactive to
Clock
2
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
1
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
tw
Minimum Pulse Width, Reset
2
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
1
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn