Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26F32MJRQMLV Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS26F32MJRQMLV
Description  DS26F32MQML
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32MJRQMLV Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS26F32MJRQMLV Datasheet HTML 2Page - National Semiconductor (TI) DS26F32MJRQMLV Datasheet HTML 3Page - National Semiconductor (TI) DS26F32MJRQMLV Datasheet HTML 4Page - National Semiconductor (TI) DS26F32MJRQMLV Datasheet HTML 5Page - National Semiconductor (TI) DS26F32MJRQMLV Datasheet HTML 6Page - National Semiconductor (TI) DS26F32MJRQMLV Datasheet HTML 7Page - National Semiconductor (TI) DS26F32MJRQMLV Datasheet HTML 8Page - National Semiconductor (TI) DS26F32MJRQMLV Datasheet HTML 9Page - National Semiconductor (TI) DS26F32MJRQMLV Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: Derate J package 10.0mW/˚C above +25˚C, derate W package 7.1mW/˚C above +25˚C, derate E package 11.5mW/˚C above +25˚C.
Note 3: Power dissipation must be externally controlled at elevated temperatures.
Note 4: Parameter tested go-no-go only.
Note 5: Tested at 50pF guarantees limit at 15pF & 5pF.
Note 6: Tested at 50pF, system capacitance exceeds 5pF to 15pF.
Note 7: Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate sensitive in a space
environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified
in Mil-Std-883, Method 1019.5, Condition A
20163302
FIGURE 1. Logic Symbol
20163303
FIGURE 2. Load Test Circuit for Three-State Outputs
20163304
FIGURE 3. Propagation Delay (Notes 8, 9, 10)
www.national.com
6


Similar Part No. - DS26F32MJRQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32MJRQMLV NSC-DS26F32MJRQMLV Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
logo
Texas Instruments
DS26F32MJRQMLV TI1-DS26F32MJRQMLV Datasheet
435Kb / 15P
[Old version datasheet]   DS26F32MQML Quad Differential Line Receivers
More results

Similar Description - DS26F32MJRQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
[Old version datasheet]   DS26F32MQML Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com