Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26F31MW-QMLV Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F31MW-QMLV
Description  Quad High Speed Differential Line Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F31MW-QMLV Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS26F31MW-QMLV Datasheet HTML 1Page - National Semiconductor (TI) DS26F31MW-QMLV Datasheet HTML 2Page - National Semiconductor (TI) DS26F31MW-QMLV Datasheet HTML 3Page - National Semiconductor (TI) DS26F31MW-QMLV Datasheet HTML 4Page - National Semiconductor (TI) DS26F31MW-QMLV Datasheet HTML 5Page - National Semiconductor (TI) DS26F31MW-QMLV Datasheet HTML 6Page - National Semiconductor (TI) DS26F31MW-QMLV Datasheet HTML 7Page - National Semiconductor (TI) DS26F31MW-QMLV Datasheet HTML 8Page - National Semiconductor (TI) DS26F31MW-QMLV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
Storage Temperature Range
−65˚C
≤ T
A
≤ +175˚C
Lead Temperature
(Soldering, 60 sec.)
300˚C
Supply Voltage
7.0V
Input Voltage
7.0V
Output Voltage
5.5V
Maximum Power Dissipation at 25˚C (Note 3)
450mW
Thermal Resistance
θ
JA
Ceramic DIP, derate above +25˚C @ 11.4mW/˚C
88˚C/mW
Ceramic Flatpack, derate above +25˚C @ 6.6 mW/˚C
151˚C/mW
Leadless Chip Carrier, derate above +25˚C @ 12.3 mW/˚C
81˚C/mW
θ
JC
Ceramic DIP
14˚C/mW
Ceramic Flatpack
13˚C/mW
Leadless Chip Carrier
15˚C/mW
Recommended Operating Range
Temperature
−55˚C
≤ T
A
≤ +125˚C
Supply Voltage
4.5V to 5.5V
Radiation Features
DS26F31MJFQMLV
300 krads (Si)
DS26F31MWFQMLV
300 krads (Si)
DS26F31MWGFQMLV
300 krads (Si)
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp ˚C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
www.national.com
3


Similar Part No. - DS26F31MW-QMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F31MW/883 NSC-DS26F31MW/883 Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Texas Instruments
DS26F31MW/883 TI-DS26F31MW/883 Datasheet
342Kb / 12P
[Old version datasheet]   DS26F31MQML Quad High Speed Differential Line Drivers
DS26F31MWFQMLV TI-DS26F31MWFQMLV Datasheet
342Kb / 12P
[Old version datasheet]   DS26F31MQML Quad High Speed Differential Line Drivers
More results

Similar Description - DS26F31MW-QMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Texas Instruments
DS26F31MQML TI-DS26F31MQML_15 Datasheet
342Kb / 12P
[Old version datasheet]   DS26F31MQML Quad High Speed Differential Line Drivers
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com