Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCL205 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down micro DC/DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XCL205_1 Datasheet HTML 2Page - Torex Semiconductor XCL205_1 Datasheet HTML 3Page - Torex Semiconductor XCL205_1 Datasheet HTML 4Page - Torex Semiconductor XCL205_1 Datasheet HTML 5Page - Torex Semiconductor XCL205_1 Datasheet HTML 6Page - Torex Semiconductor XCL205_1 Datasheet HTML 7Page - Torex Semiconductor XCL205_1 Datasheet HTML 8Page - Torex Semiconductor XCL205_1 Datasheet HTML 9Page - Torex Semiconductor XCL205_1 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/26
XCL205/XCL206/XCL207 Series
ELECTRICAL CHARACTERISTICS (Continued)
XCL205B123AR/XCL206B123AR/ XCL207B123AR, VOUT=1.2V, fOSC=3.0MHz, Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VOUT
When connected to external components,
VIN=VCE=5.0V, IOUT=30mA
1.176
1.200
1.224
V
Operating Voltage Range
VIN
2.0
-
6.0
V
Maximum Output Current
IOUTMAX
VIN=VOUT(T)+2.0V, VCE=1.0V
When connected to external components
(*9)
600
-
-
mA
UVLO Voltage
VUVLO
VCE=VIN,VOUT=0V,
Voltage which Lx pin holding “L” level
(*1, *11)
1.00
1.40
1.78
V
Supply Current (XCL205)
-
46
65
Supply Current (XCL206, XCL207)
IDD
VIN=VCE=5.0V, VOUT=VOUT(T)×1.1V
-
21
35
μ
A
Stand-by Current
ISTB
VIN=5.0V, VCE=0V, VOUT=VOUT(T)×1.1V
-
0
1.0
μ
A
Oscillation Frequency
fOSC
When connected to external components,
VIN =VOUT(T)+2.0V,VCE=1.0V, IOUT=100mA
2550
3000
3450
kHz
PFM Switching Current
(*12)
IPFM
When connected to external components,
VIN =VOUT(T)+2.0V, VCE = VIN , IOUT=1mA
(*12)
190
260
350
mA
PFM Duty Limit
(*12)
DTYLIMIT_PFM
VCE=VIN=(C-1) IOUT=1mA
(*12)
-
200
300
%
Maximum Duty Cycle
DMAX
VIN=VCE=5.0V, VOUT=VOUT (T)×0.9V
100
-
-
%
Minimum Duty Cycle
DMIN
VIN=VCE=5.0V, VOUT=VOUT (T)×1.1V
-
-
0
%
Efficiency
EFFI
When connected to external components,
VCE=VIN=VOUT (T)+1.2V, IOUT=100mA
-
82
-
%
Lx SW "H" ON Resistance 1
RLxH
VIN=VCE=5.0V, VOUT=0V, ILX=100mA
(*3)
-
0.35
0.55
Ω
Lx SW "H" ON Resistance 2
RLxH
VIN=VCE=3.6V, VOUT=0V, ILX=100mA
(*3)
-
0.42
0.67
Ω
Lx SW "L" ON Resistance 1
RLxL
VIN=VCE=5.0V
(*4)
-
0.45
0.66
Ω
-
Lx SW "L" ON Resistance 2
RLxL
VIN=VCE = 3.6V
(*4)
-
0.52
0.77
Ω
-
Lx SW "H" Leak Current
(*5)
ILeakH
VIN=VOUT=5.0V, VCE =0V, LX=0V
-
0.01
1.0
μ
A
Current Limit
(*10)
ILIM
VIN=VCE=5.0V, VOUT=VOUT (T)×0.9V
(*8)
900
1050
1350
mA
Output Voltage
Temperature Characteristics
VOUT/
(VOUT・△topr)
IOUT =30mA
-40℃≦Topr≦85℃
-
±
100
-
ppm/ ℃
CE "H" Voltage
VCEH
VOUT=0V, Applied voltage to VCE,
Voltage changes Lx to “H” level
(*11)
0.65
-
VIN
V
CE "L" Voltage
VCEL
VOUT=0V, Applied voltage to VCE,
Voltage changes Lx to “L” level
(*11)
VSS
-
0.25
V
PWM "H" Level Voltage
(*13)
VPWMH
When connected to external components,
IOUT=1mA
(*6), Voltage which oscillation
frequency becomes 2550kHz≦fOSC≦3450kHz
(*13)
-
-
VIN - 1.0
V
PWM "L" Level Voltage
(*13)
VPWML
When connected to external components,
IOUT=1mA
(*6), Voltage which oscillation
frequency becomes fOSC<2550kHz
(*13)
VIN -
0.25
-
-
V
CE "H" Current
ICEH
VIN=VCE=5.0V, VOUT=0V
- 0.1
-
0.1
μ
A
CE "L" Current
ICEL
VIN=5.0V, VCE=0V, VOUT=0V
- 0.1
-
0.1
μ
A
Soft Start Time
tSS
When connected to external components,
VCE=0V→VIN , IOUT=1mA
-
0.25
0.40
ms
Latch Time
tLAT
VIN=VCE=5.0V, VOUT=0.8×VOUT(T)
Short Lx at 1Ω resistance
(*7)
1.0
-
20
ms
Short Protection
Threshold Voltage
VSHORT
Sweeping VOUT, VIN=VCE=5.0V, Short Lx at
1Ω resistance, VOUT voltage which Lx becomes “L”
level within 1ms
0.450
0.600
0.750
V
CL Discharge
RDCHG
VIN=5.0V, LX=5.0V, VCE=0V, VOUT=Open
200
300
450
Ω
Inductance Value
L
Test frequency =1MHz
-
1.5
-
μ
H
Allowed Inductor Current
IDC
Δ
T=40℃
-
1000
-
mA
Test conditions: Unless otherwise stated, VIN=5.0V, VOUT (T) =Nominal Voltage
NOTE:
*1: Including hysteresis operating voltage range.
*2: EFFI = { ( output voltage×output current ) / ( input voltage×input current) }×100
*3: ON resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
*4: Design value
*5: When temperature is high, a current of approximately 10μA (maximum) may leak.
*6:The CE/MODE pin of the XCL207 series works also as an external switching pin of PWM control and PWM/PFM control. When the IC is in the
operation, control is switched to the automatic PWM/PFM switching mode when the CE/MODE pin voltage is equal to or greater than VIN minus
0.3V, and to the PWM mode when the CE/MODE pin voltage is equal to or lower than VIN minus 1.0V and equal to or greater than VCEH.
*7:Time until it short-circuits VOUT with GND via 1Ωof resistor from an operational state and is set to Lx=0V from current limit pulse generating.
*8: When VIN is less than 2.4V, limit current may not be reached because voltage falls caused by ON resistance.
*9: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*10: Current limit denotes the level of detection at peak of coil current.
*11: “H”=VIN~VIN-1.2V, “L”=+0.1V~-0.1V
*12: IPFM and DTYLIMIT_PFM are defined only for the XCL206 and XCL207 series which have PFM control function. (Not for the XCL 205 series)
*13: VPWMH and VPWML are defined only for the XCL207 series. (They are not used in the XCL205/and XCL206 series)


Similar Part No. - XCL205_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
More results

Similar Description - XCL205_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
   Inductor Built-in Step-Down “mini DC/DC” Converters
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
   Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Murata Manufacturing Co...
MYRGM-X MURATA1-MYRGM-X Datasheet
2Mb / 17P
   2.0A Inductor Built-in Step-Down DC/DC Converters
logo
Torex Semiconductor
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
   400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
   1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com