Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21070CIH333Z-TK Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL21070CIH333Z-TK
Description  25關A Micropower Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH333Z-TK Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL21070CIH333Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL21070
8
FN7599.0
March 19, 2010
Applications Information
FGA Technology
The ISL21070 series of voltage references use the
floating gate technology to create references with very
low drift and supply current. Essentially, the charge
stored on a floating gate cell is set precisely in
manufacturing. The reference voltage output itself is a
buffered version of the floating gate voltage. The
resulting reference device has excellent characteristics
which are unique in the industry: very low temperature
drift, high initial accuracy, and almost zero supply
current. Also, the reference voltage itself is not limited by
voltage bandgaps or zener settings, so a wide range of
reference voltages can be programmed (standard
voltage settings are provided, but customer-specific
voltages are available).
The process used for these reference devices is a floating
gate CMOS process, and the amplifier circuitry uses
CMOS transistors for amplifier and output transistor
circuitry. While providing excellent accuracy, there are
limitations in output noise level and load regulation due
to the MOS device characteristics. These limitations are
addressed with circuit techniques discussed in other
sections.
Handling and Board Mounting
FGA references provide excellent initial accuracy and low
temperature drift at the expense of very little power
drain. There are some precautions to take to insure this
accuracy is not compromised. Excessive heat during
solder reflow can cause excessive initial accuracy drift, so
the recommended +260°C max temperature profile
should not be exceeded. Expect up to 1mV drift from the
solder reflow process.
FGA references are susceptible to excessive
X-radiation like that used in PC board manufacturing.
Initial accuracy can change 10mV or more under
extreme radiation. If an assembled board needs to be
X-rayed, care should be taken to shield the FGA
reference device.
Board Mounting Considerations
For applications requiring the highest accuracy, board
mounting location should be reviewed. Placing the device
in areas subject to slight twisting can cause degradation
of the accuracy of the reference voltage due to die
stresses. It is normally best to place the device near the
edge of a board, or the shortest side, as the axis of
bending is most limited at that location. Obviously,
mounting the device on flexprint or extremely thin PC
material will likewise cause loss of reference accuracy.
Board Assembly Considerations
FGA references provide high accuracy and low
temperature drift but some PC board assembly
precautions are necessary. Normal Output voltage shifts
of 100µV to 1mV can be expected with Pb-free reflow
profiles or wave solder on multi-layer FR4 PC boards.
Precautions should be taken to avoid excessive heat or
extended exposure to high reflow or wave solder
temperatures, this may reduce device initial accuracy.
Post-assembly x-ray inspection may also lead to
permanent changes in device output voltage and should
be minimized or avoided. If x-ray inspection is required,
it is advisable to monitor the reference output voltage to
verify excessive shift has not occurred. If large amounts
of shift are observed, it is best to add an X-ray shield
consisting of thin zinc (300µm) sheeting to allow clear
imaging, yet block x-ray energy that affects the FGA
reference.
Special Applications Considerations
In addition to post-assembly examination, there are also
other X-ray sources that may affect the FGA reference
long term accuracy. Airport screening machines contain
X-rays and will have a cumulative effect on the voltage
reference output accuracy. Carry-on luggage screening
uses low level X-rays and is not a major source of output
voltage shift, however, if a product is expected to pass
FIGURE 14. ZOUT vs f vs CL
FIGURE 15. PSRR vs FREQUENCY
Typical Performance Characteristics Curves V
OUT = 2.5V, VIN = 3V, IOUT = 0mA, TA = +25°C
unless otherwise specified. (Continued)
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
1nF LOAD
10nF LOAD
100nF LOAD
NO LOAD
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1k
10k
100k
1M 10M
FREQUENCY (Hz)
NO LOAD
100nF LOAD
1nF LOAD
10nF LOAD


Similar Part No. - ISL21070CIH333Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
More results

Similar Description - ISL21070CIH333Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com