Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62881CHRTZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL62881CHRTZ
Description  Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62881CHRTZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL62881CHRTZ Datasheet HTML 1Page - Intersil Corporation ISL62881CHRTZ Datasheet HTML 2Page - Intersil Corporation ISL62881CHRTZ Datasheet HTML 3Page - Intersil Corporation ISL62881CHRTZ Datasheet HTML 4Page - Intersil Corporation ISL62881CHRTZ Datasheet HTML 5Page - Intersil Corporation ISL62881CHRTZ Datasheet HTML 6Page - Intersil Corporation ISL62881CHRTZ Datasheet HTML 7Page - Intersil Corporation ISL62881CHRTZ Datasheet HTML 8Page - Intersil Corporation ISL62881CHRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ISL62881C, ISL62881D
2
FN7596.0
March 8, 2010
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL62881CHRTZ
62881C HRTZ
-10 to +100
28 Ld 4x4 TQFN
L28.4x4
ISL62881CIRTZ
62881C IRTZ
-40 to +100
28 Ld 4x4 TQFN
L28.4x4
ISL62881DHRTZ
62881D HRTZ
-10 to +100
32 Ld 5x5 TQFN
L32.5x5E
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL62881C, ISL62881D. For more information on
MSL please see techbrief TB363.
Pin Configurations
ISL62881C
(28 LD TQFN)
TOP VIEW
ISL62881D
(32 LD TQFN)
TOP VIEW
1
28
2
3
4
5
6
7
21
20
19
18
17
16
15
27 26 25 24 23 22
8
9 10 11 12 13 14
GND PAD
(BOTTOM)
VID0
VCCP
LGATE
PHASE
UGATE
COMP
FB
VW
PGOOD
RBIAS
CLK_EN#
VSSP
VSEN
VID1
1
32
2
3
4
5
6
7
24
23
22
21
20
19
18
31 30 29 28 27 26
910 11 12 13 14 15
GND PAD
(BOTTOM)
VID0
VCCP
LGATEa
PHASE
GND
VW
NTC
RBIAS
VR_TT#
VSSP
VID1
8
COMP
FB
PGOOD
16
17 UGATE
LGATEb
25
Pin Function Description
ISL62881C ISL62881D
SYMBOL
DESCRIPTION
1
32
CLK_EN#
Open drain output to enable system PLL clock. It goes low 13 switching cycles after
VCORE is within 10% of VBOOT.
2
1
PGOOD
Power-Good open-drain output indicating when the regulator is able to supply
regulated voltage. Pull up externally with a 680Ω resistor to VCCP or 1.9kΩ to 3.3V.
3
2
RBIAS
A resistor to GND sets internal current reference. A 147kΩ resistor sets the controller
for CPU core application and a 47kΩ resistor sets the controller for GPU core
application.
-
3
VR_TT#
Thermal overload output indicator.
-
4
NTC
Thermistor input to VR_TT# circuit.
-
5
GND
Signal common of the IC. Unless otherwise stated, signals are referenced to the GND
pin.
ISL62881C, ISL62881D


Similar Part No. - ISL62881CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881CHRTZ INTERSIL-ISL62881CHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
March 8, 2010
logo
Renesas Technology Corp
ISL62881CHRTZ RENESAS-ISL62881CHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results

Similar Description - ISL62881CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881_10 Datasheet
823Kb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62881C RENESAS-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881CHRTZ INTERSIL-ISL62881CHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
March 8, 2010
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com