Electronic Components Datasheet Search |
|
AXK8L54125BG Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
AXK8L54125BG Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 7 page AXK7L, 8L ORDERING INFORMATION Mated height <Socket> 2: For mated height 0.9 mm <Header> 1: For mated height 0.9 mm Surface treatment (Contact portion / Terminal portion) Note 2 <Socket> 7: Ni plating on base, Au plating on surface (for Ni barrier available) <Header> 5: Ni plating on base, Au plating on surface Other specifications <Header> B: Soldering terminals with fork type terminal Note 1 Number of contacts (2 digits) Packing G: 3,000 pieces embossed tape and plastic reel × 2 Notes: 1. “B” in the 11th digit of the header part number signifies a fork type soldering terminals to lessen the constraint on amount of solder when mounting, and a construction that makes it difficult when mounting for excess solder to interfere with the socket. Although compatible with the previous parts, these parts are not compatible with the recommended PC board pattern and recommended metal mask pattern. 2. The part number will be changed as follows due to the change in the plating specifications for the metal clips. This change will apply to production from December 2009 onwards. (There will be no change to the contact portion and terminal portion.) (Socket) 3: Ni plating on base, Au plating on surface (for Ni barrier available) (Header) 4: Ni plating on base, Au plating on surface AXK: Narrow Pitch Connector Series Series name; 7L: F4 (0.4 mm pitch) Socket 8L: F4 (0.4 mm pitch) Header Functions 2: Without positioning bosses AXK G panasonic-electric-works.net/ac |
Similar Part No. - AXK8L54125BG |
|
Similar Description - AXK8L54125BG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |