Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111SVM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. TIL111SVM
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111SVM Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button TIL111SVM Datasheet HTML 2Page - Fairchild Semiconductor TIL111SVM Datasheet HTML 3Page - Fairchild Semiconductor TIL111SVM Datasheet HTML 4Page - Fairchild Semiconductor TIL111SVM Datasheet HTML 5Page - Fairchild Semiconductor TIL111SVM Datasheet HTML 6Page - Fairchild Semiconductor TIL111SVM Datasheet HTML 7Page - Fairchild Semiconductor TIL111SVM Datasheet HTML 8Page - Fairchild Semiconductor TIL111SVM Datasheet HTML 9Page - Fairchild Semiconductor TIL111SVM Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIL111M, TIL117M, MOC8100M Rev. 1.0.2
6
Typical Performance Characteristics
Fig. 2 Normalized CTR vs. Forward Current
IF – FORWARD CURRENT (mA)
02468
101214161820
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCE = 5.0V
TA = 25˚C
Normalized to
IF = 10mA
Fig. 3 Normalized CTR vs. Ambient Temperature
TA – AMBIENT TEMPERATURE (˚C)
-60
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IF = 5mA
IF = 10mA
IF = 20mA
Normalized to:
IF = 10mA
TA = 25˚C
Fig. 4 CTR vs. RBE (Unsaturated)
RBE – BASE RESISTANCE (kΩ)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE = 5.0V
IF = 20mA
IF = 10mA
IF = 5mA
Fig. 5 CTR vs. RBE (Saturated)
RBE – BASE RESISTANCE (kΩ)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20mA
IF = 10mA
IF = 5mA
VCE = 0.3V
IF – LED FORWARD CURRENT (mA)
Fig. 1 LED Forward Voltage vs. Forward Current
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25°C
TA = -55°C
TA = 100°C
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
IF = 5mA
IF = 20mA
IF = 10mA
Fig. 6 Collector-Emitter Saturation Voltage vs Collector Current
IC - COLLECTOR CURRENT (mA)
IF = 2.5mA
TA = 25˚C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn