Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111TVM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. TIL111TVM
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111TVM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TIL111TVM Datasheet HTML 1Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 2Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 3Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 4Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 5Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 6Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 7Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 8Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIL111M, TIL117M, MOC8100M Rev. 1.0.2
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Device
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
All
-40 to +150
°C
TOPR
Operating Temperature
All
-40 to +100
°C
TSOL
Lead Solder Temperature
All
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
All
250
mW
2.94
mW/°C
EMITTER
IF
DC/Average Forward Input Current
All
60
mA
VR
Reverse Input Voltage
TIL111M
3
V
MOC8100M, TIL117M
6
IF(pk)
Forward Current – Peak (300µs, 2% Duty Cycle)
All
3
A
PD
LED Power Dissipation @ TA = 25 °C
Derate above 25°C
All
120
mW
1.41
mW/°C
DETECTOR
VCEO
Collector-Emitter Voltage
All
30
V
VCBO
Collector-Base Voltage
All
70
V
VECO
Emitter-Collector Voltage
TIL111M, TIL117M
7
V
VEBO
Emitter-Base Voltage
All
7
PD
Detector Power Dissipation @ TA = 25 °C
Derate above 25°C
All
150
mW
1.76
mW/°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn