Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111TVM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. TIL111TVM
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111TVM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TIL111TVM Datasheet HTML 1Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 2Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 3Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 4Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 5Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 6Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 7Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 8Page - Fairchild Semiconductor TIL111TVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIL111M, TIL117M, MOC8100M Rev. 1.0.2
3
Electrical Characteristics (T
A = 25°C unless otherwise specified.)
Individual Component Characteristics
*All Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min. Typ.* Max. Unit
EMITTER
VF
Input Forward Voltage
IF = 16mA
TA = 25°C
TIL111M
1.2
1.4
V
IF = 10mA for
MOC8100M,
IF = 16mA; for
TIL117M
TA = 0°C–70°C
MOC8100M,
TIL117M
1.2
1.4
TA = -55°C
1.32
TA = +100°C
1.10
IR
Reverse Leakage Current VR = 3.0V
TIL111M, TIL117M
0.001
10
µA
VR = 6.0V
MOC8100M
0.001
10
µA
DETECTOR
BVCEO
Collector-Emitter
Breakdown Voltage
IC = 1.0mA, IF = 0
All
30
100
V
BVCBO
Collector-Base
Breakdown Voltage
IC = 10µA, IF = 0
All
70
120
V
BVEBO
Emitter-Base Breakdown
Voltage
IE = 10µA, IF = 0
All
7
10
V
BVECO
Emitter-Collector
Breakdown Voltage
IF = 100µA, IF = 0
TIL111M, TIL117M
7
10
V
ICEO
Collector-Emitter Dark
Current
VCE = 10V, IF = 0
TIL111M, TIL117M
1
50
nA
VCE = 5V, TA = 25°C
MOC8100M
0.5
25
nA
VCE = 30V, IF = 0, TA = 70°C
TIL117M,
MOC8100M
0.2
50
µA
ICBO
Collector-Base Dark
Current
VCB = 10V
TIL111M, TIL117M
20
nA
ICBO
VCB = 5V
MOC8100M
10
nA
CCE
Capacitance
VCE = 0V, f = 1MHz
All
8
pF


Similar Part No. - TIL111TVM

ManufacturerPart No.DatasheetDescription
QT Optoelectronics
QT Optoelectronics
TIL111 QT-TIL111 Datasheet
302Kb / 4P
   PHOTOTRANSISTOR OPTOISOLATOR
Fairchild Semiconductor
Fairchild Semiconductor
TIL111 FAIRCHILD-TIL111 Datasheet
619Kb / 14P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Texas Instruments
Texas Instruments
TIL111 TI-TIL111 Datasheet
297Kb / 7P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGATED CIRCUITS
Fairchild Semiconductor
Fairchild Semiconductor
TIL111 FAIRCHILD-TIL111 Datasheet
609Kb / 14P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
ISOCOM COMPONENTS
ISOCOM COMPONENTS
TIL111 ISOCOM-TIL111 Datasheet
53Kb / 3P
   OPTICALLY COUPLED ISOLATOR HOTOTRANSISTOR OUTPUT
More results

Similar Description - TIL111TVM

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Rohm
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Fairchild Semiconductor
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
TIL111M FAIRCHILD-TIL111M Datasheet
609Kb / 14P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N25 FAIRCHILD-4N25 Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A1-M FAIRCHILD-H11A1-M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz