Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111VM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. TIL111VM
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111VM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  TIL111VM Datasheet HTML 1Page - Fairchild Semiconductor TIL111VM Datasheet HTML 2Page - Fairchild Semiconductor TIL111VM Datasheet HTML 3Page - Fairchild Semiconductor TIL111VM Datasheet HTML 4Page - Fairchild Semiconductor TIL111VM Datasheet HTML 5Page - Fairchild Semiconductor TIL111VM Datasheet HTML 6Page - Fairchild Semiconductor TIL111VM Datasheet HTML 7Page - Fairchild Semiconductor TIL111VM Datasheet HTML 8Page - Fairchild Semiconductor TIL111VM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIL111M, TIL117M, MOC8100M Rev. 1.0.2
4
Electrical Characteristics (Continued) (T
A = 25°C unless otherwise specified.)
Transfer Characteristics
Isolation Characteristics
*All Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min
Typ*
Max
Unit
DC CHARACTERISTICS
CTRCE
Current Transfer Ratio,
Collector to Emitter
IF = 10mA, VCE = 10V
TIL117M
50
%
IF = 1mA, VCE = 5V
MOC8100M
50
%
IF = 1mA, VCE = 5V,
TA = 0°C to +70°C
30
IC(ON)
On-State Collector Current
(Phototransistor Operation)
IF = 16mA, VCE = 0.4V
TIL111M
2
mA
On-State Collector Current
(Photodiode Operation)
IF = 16mA, VCB = 0.4V
7
µA
VCE (SAT) Collector-Emitter Saturation
Voltage
IC = 500µA, IF = 10mA
TIL117M
0.4
V
IC = 2mA, IF = 16mA
TIL111M
0.4
IC = 100µA, IF = 1mA
MOC8100M
0.5
AC CHARACTERISTICS
TON
Turn-On Time
IC = 2mA, VCC = 10V,
RL = 100Ω (Fig. 11)
MOC8100M
20
µs
TIL117M
10
TOFF
Turn-Off Time
MOC8100M
20
µs
TIL117M
10
tr
Rise Time
MOC8100M
TIL117M
2µs
tf
Fall Time
2
tr
Rise Time
(Phototransistor Operation)
IC(ON) = 2mA, VCC = 10V,
RL = 100Ω (Fig. 11)
TIL111M
10
µs
tf
Fall Time
(Phototransistor Operation)
Symbol
Characteristic
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation Voltage
f = 60Hz, t = 1 sec.
7500
VAC(rms)
RISO
Isolation Resistance
VI-O = 500 VDC
1011
CISO
Isolation Capacitance
VI-O = 0, f = 1MHz
0.2
pF


Similar Part No. - TIL111VM

ManufacturerPart No.DatasheetDescription
QT Optoelectronics
QT Optoelectronics
TIL111 QT-TIL111 Datasheet
302Kb / 4P
   PHOTOTRANSISTOR OPTOISOLATOR
Fairchild Semiconductor
Fairchild Semiconductor
TIL111 FAIRCHILD-TIL111 Datasheet
619Kb / 14P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Texas Instruments
Texas Instruments
TIL111 TI-TIL111 Datasheet
297Kb / 7P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGATED CIRCUITS
Fairchild Semiconductor
Fairchild Semiconductor
TIL111 FAIRCHILD-TIL111 Datasheet
609Kb / 14P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
ISOCOM COMPONENTS
ISOCOM COMPONENTS
TIL111 ISOCOM-TIL111 Datasheet
53Kb / 3P
   OPTICALLY COUPLED ISOLATOR HOTOTRANSISTOR OUTPUT
More results

Similar Description - TIL111VM

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Rohm
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Fairchild Semiconductor
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
TIL111M FAIRCHILD-TIL111M Datasheet
609Kb / 14P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N25 FAIRCHILD-4N25 Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A1-M FAIRCHILD-H11A1-M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz