Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111SM Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part No. TIL111SM
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111SM Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button TIL111SM Datasheet HTML 3Page - Fairchild Semiconductor TIL111SM Datasheet HTML 4Page - Fairchild Semiconductor TIL111SM Datasheet HTML 5Page - Fairchild Semiconductor TIL111SM Datasheet HTML 6Page - Fairchild Semiconductor TIL111SM Datasheet HTML 7Page - Fairchild Semiconductor TIL111SM Datasheet HTML 8Page - Fairchild Semiconductor TIL111SM Datasheet HTML 9Page - Fairchild Semiconductor TIL111SM Datasheet HTML 10Page - Fairchild Semiconductor TIL111SM Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIL111M, TIL117M, MOC8100M Rev. 1.0.2
7
Typical Performance Characteristics (Continued)
10
100
1000
10000
100000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VCC = 10V
IC = 2mA
RL = 100Ω
RBE – BASE RESISTANCE (kΩ)
Fig. 9 Normalized toff vs. RBE
Figure 11. Switching Time Test Circuit and Waveforms
Fig. 10 Dark Current vs. Ambient Temperature
Fig. 7 Switching Speed vs. Load Resistor
R – LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
Ton
Tf
IF = 10mA
VCC = 10V
TA = 25˚C
Tr
RBE – BASE RESISTANCE (kΩ)
Fig. 8 Normalized ton vs. RBE
10
100
1000
10000
100000
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC = 10V
IC = 2mA
RL = 100Ω
TA – AMBIENTTEMPERATURE (°C)
020
40
6080
100
0.001
0.01
0.1
1
10
100
1000
VCE = 10V
TA = 25°C
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
WAVEFORMS
tr
tf
INPUT
IF
RL
RBE
VCC = 10V
OUTPUT
ton
10%
90%
toff
IC
Adjust IF to produce IC = 2mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn