Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK7L40227G Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXK7L40227G
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L40227G Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXK7L40227G Datasheet HTML 1Page - Panasonic Semiconductor AXK7L40227G Datasheet HTML 2Page - Panasonic Semiconductor AXK7L40227G Datasheet HTML 3Page - Panasonic Semiconductor AXK7L40227G Datasheet HTML 4Page - Panasonic Semiconductor AXK7L40227G Datasheet HTML 5Page - Panasonic Semiconductor AXK7L40227G Datasheet HTML 6Page - Panasonic Semiconductor AXK7L40227G Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AXK7L, 8L
PRODUCT TYPES
Notes: 1. Regarding ordering units;
During production: Please make orders in 1-reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please contact us.
Samples: Available. Please contact us.
2. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
sales office.
3. Please contact us regarding different number of contacts.
4. “B” in the 11th digit of the header part number signifies a fork type soldering terminals to lessen the constraint on amount of solder when mounting, and a
construction that makes it difficult when mounting for excess solder to interfere with the socket.
Although compatible with the previous parts, these parts are not compatible with the recommended PC board pattern and recommended metal mask pattern.
5. Since the plating specifications for the metal clips will be changed starting with production in December 2009 onwards, the digit “7” in the 10th place of the part
number for sockets will be changed to “3”, and “5” for headers will be changed to “4”.
Be careful when placing an order.
SPECIFICATIONS
1. Characteristics
Mated
height
Number of
contacts
Part number
Packing
Socket
Socket
Products with plating change
to soldering terminals
(in effect from Dec. ’09)
Header
Header
Products with plating change
to soldering terminals
(in effect from Dec. ’09)
Inner carton
(1 reel)
Outer carton
0.9 mm
10
AXK7L10227G
AXK7L10223G
AXK8L10125BG
AXK8L10124BG
3,000 pieces
6,000 pieces
(2 reels)
12
AXK7L12227G
AXK7L12223G
AXK8L12125BG
AXK8L12124BG
14
AXK7L14227G
AXK7L14223G
AXK8L14125BG
AXK8L14124BG
16
AXK7L16227G
AXK7L16223G
AXK8L16125BG
AXK8L16124BG
20
AXK7L20227G
AXK7L20223G
AXK8L20125BG
AXK8L20124BG
22
AXK7L22227G
AXK7L22223G
AXK8L22125BG
AXK8L22124BG
24
AXK7L24227G
AXK7L24223G
AXK8L24125BG
AXK8L24124BG
26
AXK7L26227G
AXK7L26223G
AXK8L26125BG
AXK8L26124BG
28
AXK7L28227G
AXK7L28223G
AXK8L28125BG
AXK8L28124BG
30
AXK7L30227G
AXK7L30223G
AXK8L30125BG
AXK8L30124BG
32
AXK7L32227G
AXK7L32223G
AXK8L32125BG
AXK8L32124BG
34
AXK7L34227G
AXK7L34223G
AXK8L34125BG
AXK8L34124BG
36
AXK7L36227G
AXK7L36223G
AXK8L36125BG
AXK8L36124BG
38
AXK7L38227G
AXK7L38223G
AXK8L38125BG
AXK8L38124BG
40
AXK7L40227G
AXK7L40223G
AXK8L40125BG
AXK8L40124BG
44
AXK7L44227G
AXK7L44223G
AXK8L44125BG
AXK8L44124BG
48
AXK7L48227G
AXK7L48223G
AXK8L48125BG
AXK8L48124BG
50
AXK7L50227G
AXK7L50223G
AXK8L50125BG
AXK8L50124BG
54
AXK7L54227G
AXK7L54223G
AXK8L54125BG
AXK8L54124BG
60
AXK7L60227G
AXK7L60223G
AXK8L60125BG
AXK8L60124BG
66
AXK7L66227G
AXK7L66223G
AXK8L66125BG
AXK8L66124BG
70
AXK7L70227G
AXK7L70223G
AXK8L70125BG
AXK8L70124BG
80
AXK7L80227G
AXK7L80223G
AXK8L80125BG
AXK8L80124BG
Item
Specifications
Conditions
Electrical
characteristics
Rated current
0.3A/terminal (Max. 5 A at total terminals)
Rated voltage
60V AC/DC
Breakdown voltage
150V AC for 1 min.
Rated voltage is applied for one minute and check for
short circuit or damage with a detection current of 1mA
Insulation resistance
Min. 1,000M
Ω (Initial)
Using 250V DC megger (applied for 1 min.)
Contact resistance
Max. 90m
Based on the contact resistance measurement method
specified by JIS C 5402.
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures
Soldering heat resistance
Max. peak temperature of 260
°C (on the surface of the
PC board around the connector terminals)
Infrared reflow soldering
300
°C within 5 sec, 350°C within 3 sec.
Soldering iron
Storage temperature
–55
°C to +85°C (Product only)
–40
°C to +50°C (Emboss packing)
No freezing at low temperatures
Thermal shock resistance
(header and socket mated)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 90m
Sequence
1. –55
°C, 30 min.
2. ~ , Max. 5 min.
3. 85
°C, 30 min.
4. ~ , Max. 5 min.
Humidity resistance
(header and socket mated)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 90m
Temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray resistance
(header and socket mated)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 90m
Temperature 35
±2°C,
saltwater concentration 5
±1%
H2S resistance
(header and socket mated)
48 hours,
contact resistance max. 90m
Temperature 40
±2°C,
gas concentration 3
±1 ppm, humidity 75 to 80% R.H.
Lifetime
characteristics
Insertion and removal life
50 times
Repeated insertion and removal speed of max. 200
times/hours
Unit weight
20 contacts; Socket: 0.03g Header: 0.01g
0
–3
+3
0
panasonic-electric-works.net/ac


Similar Part No. - AXK7L40227G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK7L40223G PANASONIC-AXK7L40223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
More results

Similar Description - AXK7L40227G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com