Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK7L24227G Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXK7L24227G
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L24227G Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXK7L24227G Datasheet HTML 1Page - Panasonic Semiconductor AXK7L24227G Datasheet HTML 2Page - Panasonic Semiconductor AXK7L24227G Datasheet HTML 3Page - Panasonic Semiconductor AXK7L24227G Datasheet HTML 4Page - Panasonic Semiconductor AXK7L24227G Datasheet HTML 5Page - Panasonic Semiconductor AXK7L24227G Datasheet HTML 6Page - Panasonic Semiconductor AXK7L24227G Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AXK7L, 8L
• Socket and header are mated
EMBOSSED TAPE DIMENSIONS (unit: mm) (Common for respective contact type, socket and header)
TABLE OF DIMENSIONS
Connector orientation with respect to direction of progress of embossed tape
Mated height
Number of contacts
Type of taping
A
B
C
D
Quantity per reel
Common for
socket and header:
0.9mm
Max. 24
Tape I
16.0
7.5
17.4
3000
26 to 70
Tape I
24.0
11.5
25.4
3000
80
Tape II
32.0
28.4
14.2
33.4
3000
Socket
Header
Tape dimensions (Conforming to JIS C 0806-1990. However,
some tapes have mounting hole pitches that do not comply with
the standard.)
Tape I
Tape II
1.75
C
8.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
8.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
Plastic reel dimensions (Conforming to EIAJ ET–7200B)
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
D
±1
Type
Direction of
tape progress
Common for F4
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.
panasonic-electric-works.net/ac


Similar Part No. - AXK7L24227G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK7L24223G PANASONIC-AXK7L24223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
More results

Similar Description - AXK7L24227G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com