Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK7L22227G Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXK7L22227G
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L22227G Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXK7L22227G Datasheet HTML 1Page - Panasonic Semiconductor AXK7L22227G Datasheet HTML 2Page - Panasonic Semiconductor AXK7L22227G Datasheet HTML 3Page - Panasonic Semiconductor AXK7L22227G Datasheet HTML 4Page - Panasonic Semiconductor AXK7L22227G Datasheet HTML 5Page - Panasonic Semiconductor AXK7L22227G Datasheet HTML 6Page - Panasonic Semiconductor AXK7L22227G Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AXK7L, 8L
NARROW-PITCH
CONNECTORS
FOR BOARD-TO-FPC
CONNECTION
NARROW PITCH (0.4mm)
CONNECTORS F4
FEATURES
1. The lowest profile class among two-
piece connectors in the world (Mated
height: 0.9mm)
Achieved both a 0.4 mm pitch and an
ultra low profile of 0.9 mm high when
mated, contributing to further thickness
reduction of products.
2. Strong resistance to adverse
environments! Utilizes
construction
for high contact reliability.
(See Page 6 for details of the structure)
3. Improved mating strength between
the socket and header
The simple locking structures provided
for the soldering terminals and the
contact points improve the mating
strength and provide tactile feedback
when locked.
4. Easy to design product circuits
1) An insulating wall provided for the
bottom surface of the connector prevents
contact between the pattern on the PC
board and the metal pins, enabling
pattern wiring under the connector, and
thus contributing to the reduction in size
of PC boards.
5. Connectors for inspection available
Connectors for inspection are available
that are ideal for modular unit inspection
and inspection in device assembly
processes.
APPLICATIONS
Compact portable devices “Cellular
phones, DVD, DSC, etc”
Socket
Header
Compliance with RoHS Directive
Locking structure of the soldering terminals
Socket
Header
<Socket>
Pattern wiring under the connector is possible.
<Header>
0.9mm
PCB
F4
connector
FPC
Reinforcing
plate
Before mating
After mating
Example of connection between a board and an FPC
panasonic-electric-works.net/ac


Similar Part No. - AXK7L22227G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK7L22223G PANASONIC-AXK7L22223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
More results

Similar Description - AXK7L22227G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com