Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK7L16227G Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXK7L16227G
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L16227G Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AXK7L16227G Datasheet HTML 1Page - Panasonic Semiconductor AXK7L16227G Datasheet HTML 2Page - Panasonic Semiconductor AXK7L16227G Datasheet HTML 3Page - Panasonic Semiconductor AXK7L16227G Datasheet HTML 4Page - Panasonic Semiconductor AXK7L16227G Datasheet HTML 5Page - Panasonic Semiconductor AXK7L16227G Datasheet HTML 6Page - Panasonic Semiconductor AXK7L16227G Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AXK7L, 8L
NOTES
1. Removal by pulling up from an end
causes the entire connector removal
force to concentrate on the soldering
terminals and end terminals.
Therefore, please lift and remove from
the side. Doing so will also prevent
cracking of the soldered parts.
2. PC Boards and Recommended
Metal Mask Patterns
Connectors are mounted with high
density, with a pitch interval of 0.4 to 0.5
mm.
In order to reduce solder bridge and
other issues make sure the proper levels
of solder are used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
Socket
Recommended PC board pattern
(Mount pad arrangement pattern)
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Terminal portion opening area ratio: 53 %)
(Metal portion opening area ratio: 100 %)
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Terminal portion opening area ratio: 66 %)
(Metal portion opening area ratio: 100 %)
Header
Recommended PC board pattern
(Mount pad arrangement pattern)
Relation between connector and mounting pad
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Terminal portion opening area ratio: 52 %)
(Metal portion opening area ratio: 80 %)
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Terminal portion opening area ratio: 66 %)
(Metal portion opening area ratio: 100 %)
In particular, if a lot of solder is
used in the header retaining
soldering terminals, it might
interfere with and cause incomplete
socket mating. Therefore, please
follow the recommended
conditions give on the right.
Pull
NG
1.40
±0.03
0.23
±0.03
0.40
±0.03
1.00
±0.03
0.40
±0.01
0.20
±0.01
1.00
±0.01
1.40
±0.01
0.20
±0.01
0.40
±0.01
1.00
±0.01
1.40
±0.01
: Insulation area
1.40
±0.03
0.40
±0.03
0.23
±0.03
0.57
±0.03
Mounting pad
: Insulation area
(3.20
±0.03)
(4.70
±0.03)
(Max. 2.20)
0.40
±0.01
0.20
±0.01
1.40
±0.01
0.46
±0.01
0.40
±0.01
0.20
±0.01
1.40
±0.01
0.57
±0.01
For other details, please verify with
the product specification sheets.
panasonic-electric-works.net/ac


Similar Part No. - AXK7L16227G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK7L16223G PANASONIC-AXK7L16223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
More results

Similar Description - AXK7L16227G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com