Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXE510124 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXE510124
Description  The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE510124 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXE510124 Datasheet HTML 1Page - Panasonic Semiconductor AXE510124 Datasheet HTML 2Page - Panasonic Semiconductor AXE510124 Datasheet HTML 3Page - Panasonic Semiconductor AXE510124 Datasheet HTML 4Page - Panasonic Semiconductor AXE510124 Datasheet HTML 5Page - Panasonic Semiconductor AXE510124 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AXE5, 6
DIMENSIONS (Unit: mm)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://panasonic-electric-works.net/ac
Socket (Mated height: 0.8 mm/1.0 mm)
0.08
(Contact and clips
(soldering terminal))
Terminal coplanarity
Y note
0.15
±0.03
A
B
±0.1
0.40
±0.05
Z note
0.30
±0.03
C
±0.1
0.77
(0.90)
General tolerance:
±0.2
Note: Since the clip (soldering terminal) has a single-piece construction,
sections Y and Z are electrically connected.
Dimension table (mm)
Number of contacts/
dimension
A
B
C
10
4.5
1.6
3.4
12
4.9
2.0
3.8
14
5.3
2.4
4.2
16
5.7
2.8
4.6
18
6.1
3.2
5.0
20
6.5
3.6
5.4
22
6.9
4.0
5.8
24
7.3
4.4
6.2
26
7.7
4.8
6.6
28
8.1
5.2
7.0
30
8.5
5.6
7.4
32
8.9
6.0
7.8
34
9.3
6.4
8.2
36
9.7
6.8
8.6
38
10.1
7.2
9.0
40
10.5
7.6
9.4
44
11.3
8.4
10.2
50
12.5
9.6
11.4
54
13.3
10.4
12.2
60
14.5
11.6
13.4
64
15.3
12.4
14.2
70
16.5
13.6
15.4
80
18.5
15.6
17.4
CAD Data
Header (Mated height: 0.8 mm)
0.08
(Post and clips
(soldering terminal))
Terminal coplanarity
0.15
±0.03
B
±0.1
0.40
±0.05
Clips (Soldering terminals)
0.15
±0.03
C
±0.1
A
0.65
General tolerance:
±0.2
Dimension table (mm)
Number of contacts/
dimension
A
B
C
10
3.8
1.6
3.2
12
4.2
2.0
3.6
14
4.6
2.4
4.0
16
5.0
2.8
4.4
18
5.4
3.2
4.8
20
5.8
3.6
5.2
22
6.2
4.0
5.6
24
6.6
4.4
6.0
26
7.0
4.8
6.4
28
7.4
5.2
6.8
30
7.8
5.6
7.2
32
8.2
6.0
7.6
34
8.6
6.4
8.0
36
9.0
6.8
8.4
38
9.4
7.2
8.8
40
9.8
7.6
9.2
44
10.6
8.4
10.0
50
11.8
9.6
11.2
54
12.6
10.4
12.0
60
13.8
11.6
13.2
64
14.6
12.4
14.0
70
15.8
13.6
15.2
80
17.8
15.6
17.2
CAD Data
panasonic-electric-works.net/ac


Similar Part No. - AXE510124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE510124 PANASONIC-AXE510124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
More results

Similar Description - AXE510124

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RSN11S ALPS-RSN11S Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
logo
Hirose Electric
FI HIROSE-FI_10 Datasheet
1Mb / 7P
   1.27 mm contact pitch contributes to downsizing of electrical devices.
logo
ALPS ELECTRIC CO.,LTD.
SKTA ALPS-SKTA Datasheet
354Kb / 3P
   1.6mm width contributes to thinner devices
logo
Omron Electronics LLC
E39-RSB OMRON-E39-RSB Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier Contributes to Equipment Downsizing
logo
HOKURIKU ELECTRIC INDUS...
HAP-BME-20-13N01 HOKURIKU-HAP-BME-20-13N01 Datasheet
362Kb / 1P
   Industry-thinnest contributes miniaturization of application
logo
ALPS ELECTRIC CO.,LTD.
RDC10 ALPS-RDC10_15 Datasheet
1Mb / 6P
   The high accuracy space saving design contributes to reduced weight and size of sets
logo
Motorola, Inc
MC68HC908JL8 MOTOROLA-MC68HC908JL8 Datasheet
2Mb / 288P
   Motorola reserves the right to make changes without further notice to any products herein
logo
ALPS ELECTRIC CO.,LTD.
SKSV ALPS-SKSV Datasheet
837Kb / 3P
   Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
RKJXL ALPS-RKJXL_15 Datasheet
743Kb / 3P
   Low-profile 6.4mm height contributes to flexibility in set design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com