Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C24x23A Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C24x23A
Description  PSoC Programmable System-on-Chip
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24x23A Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C24x23A Datasheet HTML 3Page - Cypress Semiconductor CY8C24x23A Datasheet HTML 4Page - Cypress Semiconductor CY8C24x23A Datasheet HTML 5Page - Cypress Semiconductor CY8C24x23A Datasheet HTML 6Page - Cypress Semiconductor CY8C24x23A Datasheet HTML 7Page - Cypress Semiconductor CY8C24x23A Datasheet HTML 8Page - Cypress Semiconductor CY8C24x23A Datasheet HTML 9Page - Cypress Semiconductor CY8C24x23A Datasheet HTML 10Page - Cypress Semiconductor CY8C24x23A Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
CY8C23433, CY8C23533
Document Number: 001-44369 Rev. *B
Page 7 of 37
The next step is to write your main program, and any
sub-routines
using
PSoC
Designer’s
Application
Editor
subsystem. The Application Editor includes a Project Manager
that allows you to open the project source code files (including
all generated code files) from a hierarchal view. The source code
editor provides syntax coloring and advanced edit features for
both C and assembly language. File search capabilities include
simple string searches and recursive “grep-style” patterns. A
single mouse click invokes the Build Manager. It employs a
professional-strength “makefile” system to automatically analyze
all file dependencies and run the compiler and assembler as
necessary. Project-level options control optimization strategies
used by the compiler and linker. Syntax errors are displayed in a
console window. Double clicking the error message takes you
directly to the offending line of source code. When all is correct,
the linker builds a HEX file image suitable for programming.
The last step in the development process takes place inside the
PSoC
Designer’s
Debugger
subsystem.
The
Debugger
downloads the HEX image to the In-Circuit Emulator (ICE) where
it runs at full speed. Debugger capabilities rival those of systems
costing many times more. In addition to traditional single-step,
run-to-breakpoint and watch-variable features, the Debugger
provides a large trace buffer and allows you define complex
breakpoint events that include monitoring address and data bus
values, memory locations and external signals.
Document Conventions
Acronyms Used
The following table lists the acronyms that are used in this
document.
Units of Measure
A units of measure table is located in the section Electrical
Specifications on page 14. Table 8 on page 14 lists all the
abbreviations used to measure the PSoC devices.
Numeric Naming
Hexadecimal numbers are represented with all letters in
uppercase with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexadecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended
lowercase
‘b’
(for
example,
01010100b’
or
‘01000011b’). Numbers not indicated by an ‘h’ or ‘b’ are decimal.
Table 2. Acronyms Used
Acronym
Description
AC
alternating current
ADC
analog-to-digital converter
API
application programming interface
CPU
central processing unit
CT
continuous time
DAC
digital-to-analog converter
DC
direct current
EEPROM
electrically erasable programmable read-only
memory
FSR
full scale range
GPIO
general purpose IO
IO
input/output
IPOR
imprecise power on reset
LSb
least-significant bit
LVD
low voltage detect
MSb
most-significant bit
PC
program counter
POR
power on reset
PPOR
precision power on reset
PSoC®
Programmable System-on-Chip™
PWM
pulse width modulator
RAM
random access memory
ROM
read only memory
SC
switched capacitor
Table 2. Acronyms Used (continued)
Acronym
Description
[+] Feedback


Similar Part No. - CY8C24x23A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24X23A CYPRESS-CY8C24X23A Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24X23A CYPRESS-CY8C24X23A Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24x23A CYPRESS-CY8C24x23A Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C24X23A CYPRESS-CY8C24X23A Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24X23A CYPRESS-CY8C24X23A Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C24x23A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com