Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29x66 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C29x66
Description  PSoC Programmable System-on-Chip
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29x66 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C29x66 Datasheet HTML 6Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 7Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 8Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 9Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 10Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 11Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 12Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 13Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CY8C23433, CY8C23533
Document Number: 001-44369 Rev. *B
Page 10 of 37
Register Reference
This section lists the registers of the CY8C23433 PSoC device
by using mapping tables, in offset order.
Register Conventions
Abbreviations Used
The register conventions specific to this section are listed in the
following table.
Register Mapping Tables
The PSoC device has a total register address space of 512
bytes. The register space is referred to as IO space and is
divided into two banks. The XOI bit in the Flag register (CPU_F)
determines which bank the user is currently in. When the XOI bit
is set the user is in Bank 1.
Note In the following register mapping tables, blank fields are
reserved and must not be accessed.
Table 5. Abbreviations
Convention
Description
R
Read register or bits
W
Write register or bits
L
Logical register or bits
C
Clearable register or bits
#
Access is bit specific
[+] Feedback


Similar Part No. - CY8C29x66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29x66 CYPRESS-CY8C29x66 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C29x66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com