Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29x66 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C29x66
Description  PSoC Programmable System-on-Chip
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29x66 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C29x66 Datasheet HTML 5Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 6Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 7Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 8Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 9Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 10Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 11Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 12Page - Cypress Semiconductor CY8C29x66 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
CY8C23433, CY8C23533
Document Number: 001-44369 Rev. *B
Page 9 of 37
28-Pin Part Pinout
Table 4. Pin Definitions - 28-Pin (SSOP)
Description
Figure 6. CY8C23433 28-Pin PSoC Device
1
IO
I
P0[7]
Analog Column Mux IP and ADC IP
2
IO
IO
P0[5]
Analog Column Mux IP and Column
O/P and ADC IP
3
IO
IO
P0[3]
Analog Column Mux IP and Column
O/P and ADC IP
4
IO
I
P0[1]
Analog Column Mux IP and ADC IP
5
IO
P2[7]
GPIO
6
IO
P2[5]
GPIO
7
IO
I
P2[3]
Direct Switched Capacitor Input
8
IO
I
P2[1]
Direct Switched Capacitor Input
9IO
AVref
P3[0][5] GPIO/ADC Vref (optional)
10
IO
P1[7]
I2C SCL
11
IO
P1[5]
I2C SDA
12
IO
P1[3]
GPIO
13
IO
P1[1][6] GPIO, Xtal Input, I2C SCL, ISSP SCL
14
Power
Vss
Ground Pin
15
IO
P1[0][6] GPIO, Xtal Output, I2C SDA, ISSP
SDA
16
IO
P1[2]
GPIO
17
IO
P1[4]
GPIO, External Clock IP
18
IO
P1[6]
GPIO
19
IO
P3[1][7] GPIO
20
IO
I
P2[0]
Direct Switched Capacitor Input
21
IO
I
P2[2]
Direct Switched Capacitor Input
22
IO
P2[4]
External Analog Ground (AGnd)
23
IO
P2[6]
Analog Voltage Reference (VRef)
24
IO
I
P0[0]
Analog Column Mux IP and ADC IP
25
IO
I
P0[2]
Analog Column Mux IP and ADC IP
26
IO
I
P0[4]
Analog Column Mux IP and ADC IP
27
IO
I
P0[6]
Analog Column Mux IP and ADC IP
28
Power
Vdd
Supply Voltage
LEGEND
: A = Analog, I = Input, and O = Output.
AIO, P0[7]
IO, P0[5]
IO, P0[3]
AIO, P0[1]
IO, P2[7]
IO, P2[5]
AIO, P2[3]
AIO, P2[1]
AVref, IO, P3[0]
I2C SCL, IO, P1[7]
I2C SDA, IO, P1[5]
IO, P1[3]
I2C SCL,ISSP SCL,XTALin,IO, P1[1]
Vss
Vdd
P0[6], AIO, AnColMux and ADC IP
P0[4], AIO, AnColMux and ADC IP
P0[2], AIO, AnColMux and ADC IP
P0[0], AIO, AnColMux and ADC IP
P2[6], VREF
P2[4], AGND
P2[2], AIO
P2[0], AIO
P3[1], IO
P1[6], IO
P1[4], IO, EXTCLK
P1[2], IO
P1[0],IO,XTALout,ISSP SDA,I2C SDA
SSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Notes
5. Even though P3[0] is an odd port, it resides on the left side of the pinout.
6. ISSP pin, which is not High Z at POR.
7. Even though P3[1] is an even port, it resides on the right side of the pinout.
[+] Feedback


Similar Part No. - CY8C29x66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29x66 CYPRESS-CY8C29x66 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C29x66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com