Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYIL1SM0300AA-WWC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYIL1SM0300AA-WWC
Description  LUPA-300 CMOS Image Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYIL1SM0300AA-WWC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYIL1SM0300AA-WWC Datasheet HTML 1Page - Cypress Semiconductor CYIL1SM0300AA-WWC Datasheet HTML 2Page - Cypress Semiconductor CYIL1SM0300AA-WWC Datasheet HTML 3Page - Cypress Semiconductor CYIL1SM0300AA-WWC Datasheet HTML 4Page - Cypress Semiconductor CYIL1SM0300AA-WWC Datasheet HTML 5Page - Cypress Semiconductor CYIL1SM0300AA-WWC Datasheet HTML 6Page - Cypress Semiconductor CYIL1SM0300AA-WWC Datasheet HTML 7Page - Cypress Semiconductor CYIL1SM0300AA-WWC Datasheet HTML 8Page - Cypress Semiconductor CYIL1SM0300AA-WWC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
CYIL1SM0300AA
Document Number: 001-00371 Rev. *F
Page 4 of 31
Features and General Specifications
Electrical Specifications
Absolute Ratings are those values beyond which damage to the device may occur.
VDD = VDDD = VDDA (VDDD is supply to digital circuit, VDDA to analog circuit)
Table 1. General Specifications
Feature
Specification/Description
Electronic shutter type
Full snapshot shutter (integration during read out is possible)
Windowing (ROI)
Randomly programmable ROI read out. Implemented as scanning of lines/columns from an
uploaded position
Sub-sampling
Sub sampling is possible (only in the Y-direction)
Sub-sampling pattern: Y0Y0Y0Y0
Read out direction
Read out direction can be reversed in X and Y
Extended dynamic range
Multiple slope (up to 90 dB optical dynamic range)
Programmable gain
Range x1 to x16, in 16 steps using 4-bits programming
Programmable offset
256 steps (8 bit)
Digital output
On-chip 10-bit ADCs at 80 Msamples/s
Supply voltage VDD
Nominal 2.5V (some supplies require 3.3V)
Logic levels
2.5V
Operational temperature range
–40°C to 70°C; with degradation of dark current
Interface
Serial-to Parallel Interface (SPI)
Package
48-pin LCC
Power dissipation
<190 mW
Mass
±1g
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDD
DC supply voltages
–0.5 to 3.5
V
VIN
DC input voltage
–0.5 to 3.5
V
VOUT
DC output voltage
–0.5 to 3.5
V
IIO
DC current on any single pin
+/– 50
mA
TL
Lead temperature (5 seconds soldering)
350
ºC
[+] Feedback


Similar Part No. - CYIL1SM0300AA-WWC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIL1SM0300AA CYPRESS-CYIL1SM0300AA Datasheet
1Mb / 36P
   LUPA-300 CMOS Image Sensor
More results

Similar Description - CYIL1SM0300AA-WWC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIL1SM0300AA CYPRESS-CYIL1SM0300AA Datasheet
1Mb / 36P
   LUPA-300 CMOS Image Sensor
CYIL1SM1300AA CYPRESS-CYIL1SM1300AA_09 Datasheet
1Mb / 29P
   LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com