Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C23533 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CY8C23533
Description  PSoC Programmable System-on-Chip
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C23533 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CY8C23533_08 Datasheet HTML 24Page - Cypress Semiconductor CY8C23533_08 Datasheet HTML 25Page - Cypress Semiconductor CY8C23533_08 Datasheet HTML 26Page - Cypress Semiconductor CY8C23533_08 Datasheet HTML 27Page - Cypress Semiconductor CY8C23533_08 Datasheet HTML 28Page - Cypress Semiconductor CY8C23533_08 Datasheet HTML 29Page - Cypress Semiconductor CY8C23533_08 Datasheet HTML 30Page - Cypress Semiconductor CY8C23533_08 Datasheet HTML 31Page - Cypress Semiconductor CY8C23533_08 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
CY8C23433, CY8C23533
Document Number: 001-44369 Rev. *B
Page 28 of 37
Table 27. 3.3V AC Operational Amplifier Specifications
Symbol
Description
Min
Typ
Max
Units
TROA
Rising Settling Time from 80% of
ΔV to 0.1% of ΔV (10 pF load, Unity Gain)
Power = Low, Opamp Bias = Low
Power = Medium, Opamp Bias = High
3.92
0.72
μs
μs
TSOA
Falling Settling Time from 20% of
ΔV to 0.1% of ΔV (10 pF load, Unity Gain)
Power = Low, Opamp Bias = Low
Power = Medium, Opamp Bias = High
5.41
0.72
μs
μs
SRROA
Rising Slew Rate (20% to 80%)(10 pF load, Unity Gain)
Power = Low, Opamp Bias = Low
Power = Medium, Opamp Bias = High
0.31
2.7
V/
μs
V/
μs
SRFOA
Falling Slew Rate (20% to 80%)(10 pF load, Unity Gain)
Power = Low, Opamp Bias = Low
Power = Medium, Opamp Bias = High
0.24
1.8
V/
μs
V/
μs
BWOA
Gain Bandwidth Product
Power = Low, Opamp Bias = Low
Power = Medium, Opamp Bias = High
0.67
2.8
MHz
MHz
[+] Feedback


Similar Part No. - CY8C23533_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C23533-24LQXI CYPRESS-CY8C23533-24LQXI Datasheet
659Kb / 53P
   PSoC짰 Programmable System-on-Chip?
CY8C23533-24LQXIT CYPRESS-CY8C23533-24LQXIT Datasheet
659Kb / 53P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C23533_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com