Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4622P+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS4622P+
Description  DS4-XO Series Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4622P+ Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS4622P+ Datasheet HTML 1Page - Maxim Integrated Products DS4622P+ Datasheet HTML 2Page - Maxim Integrated Products DS4622P+ Datasheet HTML 3Page - Maxim Integrated Products DS4622P+ Datasheet HTML 4Page - Maxim Integrated Products DS4622P+ Datasheet HTML 5Page - Maxim Integrated Products DS4622P+ Datasheet HTML 6Page - Maxim Integrated Products DS4622P+ Datasheet HTML 7Page - Maxim Integrated Products DS4622P+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS4-XO Series Crystal Oscillators
6
_______________________________________________________________________________________
Chip Information
SUBSTRATE CONNECTED TO GROUND
PROCESS: BiPOLAR SiGe
THETA-JA (°C/W)
90
Selector Guide
+
Denotes a lead(Pb)-free/RoHS-compliant package. The lead finish is JESD97 category e4 (Au over Ni) and is compatible with both
lead-based and lead-free soldering processes.
PART
FREQUENCY (NOM)
(MHz)
FREQUENCY
STABILITY (ppm)
OUTPUT TYPE
TOP MARK
DS4125D+
125.00
±50
LVDS
25D
DS4125P+
125.00
±50
LVPECL
25P
DS4150D+
150.00
±50
LVDS
50D
DS4150P+
150.00
±50
LVPECL
50P
DS4155D+
155.52
±50
LVDS
55D
DS4155P+
155.52
±50
LVPECL
55P
DS4156D+
156.25
±50
LVDS
56D
DS4156P+
156.25
±50
LVPECL
56P
DS4160D+
160.00
±50
LVDS
60D
DS4160P+
160.00
±50
LVPECL
60P
DS4250D+
250.00
±50
LVDS
T5D
DS4250P+
250.00
±50
LVPECL
T5P
DS4300D+
300.00
±50
LVDS
30D
DS4300P+
300.00
±50
LVPECL
30P
DS4311D+
311.04
±50
LVDS
31D
DS4311P+
311.04
±50
LVPECL
31P
DS4312D+
312.50
±50
LVDS
32D
DS4312P+
312.50
±50
LVPECL
32P
DS4622D+
622.08
±50
LVDS
62D
DS4622P+
622.08
±50
LVPECL
62P
DS4776D+
77.76
±50
LVDS
76D
DS4776P+
77.76
±50
LVPECL
76P
Thermal Information
+
Denotes a lead(Pb)-free/RoHS-compliant package. The lead
finish is JESD97 category e4 (Au over Ni) and is compatible with
both lead-based and lead-free soldering processes.
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
DS4311D+
-40
°C to +85°C
10 LCCC
DS4311P+
-40
°C to +85°C
10 LCCC
DS4312D+
-40
°C to +85°C
10 LCCC
DS4312P+
-40
°C to +85°C
10 LCCC
DS4622D+
-40
°C to +85°C
10 LCCC
DS4622P+
-40
°C to +85°C
10 LCCC
DS4776D+
-40
°C to +85°C
10 LCCC
DS4776P+
-40
°C to +85°C
10 LCCC


Similar Part No. - DS4622P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4622P++ MAXIM-DS4622P+ Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
More results

Similar Description - DS4622P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4125 MAXIM-DS4125 Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
logo
Vectron International, ...
XO-400 VECTRON-XO-400_09 Datasheet
141Kb / 2P
   Crystal Oscillators (XO?셲)
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
GMPALAHATA-WK WK-GMPALAHATA-WK Datasheet
94Kb / 1P
   CRYSTAL-OSCILLATORS
logo
Vectron International, ...
XO-480 VECTRON-XO-480 Datasheet
56Kb / 2P
   Crystal Oscillators
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
   Crystal Oscillators
logo
Nel Frequency Controls,...
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
   crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com