Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4311P+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4311P+
Description  DS4-XO Series Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4311P+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4311P+ Datasheet HTML 1Page - Maxim Integrated Products DS4311P+ Datasheet HTML 2Page - Maxim Integrated Products DS4311P+ Datasheet HTML 3Page - Maxim Integrated Products DS4311P+ Datasheet HTML 4Page - Maxim Integrated Products DS4311P+ Datasheet HTML 5Page - Maxim Integrated Products DS4311P+ Datasheet HTML 6Page - Maxim Integrated Products DS4311P+ Datasheet HTML 7Page - Maxim Integrated Products DS4311P+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pin Description
DS4-XO Series Crystal Oscillators
4
_______________________________________________________________________________________
SINGLE-SIDEBAND PHASE NOISE AT fO = fNOM (dBc/Hz)
fM =
77.76MHz
125.00MHz
155.52MHz
156.25MHz
160.00MHz
311.04MHz
312.5MHz
622.08MHz
10Hz
-60
-70
-70
-70
-70
-65
-65
-60
100Hz
-95
-100
-100
-100
-100
-95
-95
-90
1kHz
-122
-120
-120
-120
-120
-113
-113
-107
10kHz
-126
-120
-120
-120
-120
-113
-113
-107
100kHz
-131
-125
-125
-125
-125
-118
-118
-113
1MHz
-143
-142
-142
-142
-142
-137
-137
-131
10MHz
-149
-149
-149
-149
-149
-149
-149
-147
20MHz
-153
-153
-153
-153
-153
-153
-153
-150
PIN
NAME
FUNCTION
1
OE
Active-High Output Enable. Has an internal pullup 100k
resistor.
2, 7–10
N.C.
No Connection. Must be floated.
3
GND
Ground
4
OUTP
Positive Output for LVPECL or LVDS
5
OUTN
Negative Output for LVPECL or LVDS
6
VCC
Supply Voltage
EP
Exposed Paddle. Do not connect this pad or place exposed metal under the pad.
SINGLE-SIDEBAND PHASE NOISE AT fO = fNOM
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
-18
-15
-13
-10
-8
-5
-3
0
3
5
8
10
13
15
-20
-40
OPERATING CURRENT (DS4155)
vs. OPERATING VOLTAGE
VCC (V)
3.435
3.385
3.335
3.285
3.235
3.185
48
50
53
55
45
3.135
+85
°C
0
°C
-40
°C
+70
°C
+40
°C
+25
°C


Similar Part No. - DS4311P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4311P++ MAXIM-DS4311P+ Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
More results

Similar Description - DS4311P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4125 MAXIM-DS4125 Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
logo
Vectron International, ...
XO-400 VECTRON-XO-400_09 Datasheet
141Kb / 2P
   Crystal Oscillators (XO?셲)
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
GMPALAHATA-WK WK-GMPALAHATA-WK Datasheet
94Kb / 1P
   CRYSTAL-OSCILLATORS
logo
Vectron International, ...
XO-480 VECTRON-XO-480 Datasheet
56Kb / 2P
   Crystal Oscillators
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
   Crystal Oscillators
logo
Nel Frequency Controls,...
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
   crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com