Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4160D+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS4160D+
Description  DS4-XO Series Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4160D+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS4160D+ Datasheet HTML 1Page - Maxim Integrated Products DS4160D+ Datasheet HTML 2Page - Maxim Integrated Products DS4160D+ Datasheet HTML 3Page - Maxim Integrated Products DS4160D+ Datasheet HTML 4Page - Maxim Integrated Products DS4160D+ Datasheet HTML 5Page - Maxim Integrated Products DS4160D+ Datasheet HTML 6Page - Maxim Integrated Products DS4160D+ Datasheet HTML 7Page - Maxim Integrated Products DS4160D+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The DS4125, DS4150, DS4155, DS4156, DS4160,
DS4250, DS4300, DS4311, DS4312, DS4622, and
DS4776 ceramic surface-mount crystal oscillators are
part of Maxim’s DS4-XO series of crystal oscillators.
These devices offer output frequencies at 125MHz,
155.52MHz, 156.25MHz, 160MHz, 311.04MHz, 312.5MHz,
622.08MHz, and 77.76MHz. The clock oscillators are
suited for systems with tight tolerances because of the
jitter, phase noise, and stability performance. The small
package provides a format made for applications
where PCB space is critical.
These clock oscillators are crystal based and use a fun-
damental crystal with PLL technology to provide the
final output frequencies. Each device is offered with
LVDS or LVPECL output types. The output enable pin is
active-high logic.
These clock oscillators have very low phase jitter and
phase noise. Typical phase jitter is < 0.7psRMS from
12kHz to 20MHz. The devices are designed to operate
with a 3.3V ±5% supply voltage, and are available in a
5.0mm x 3.2mm x 1.49mm, 10-pin LCCC surface-mount
ceramic package.
Applications
InfiniBand
BPON/GPON
Ethernet
10GbE
SONET/SDH
Features
♦ < 0.7psRMS from 12kHz to 20MHz Jitter
♦ LVDS or LVPECL Output Types
♦ 3.3V Operating Voltage
♦ 5.0mm x 3.2mm x 1.49mm, 10-Pin LCCC Ceramic
Package
♦ -40°C to +85°C Operating Temperature Range
♦ Lead-Free/RoHS Compliant
DS4-XO Series Crystal Oscillators
________________________________________________________________
Maxim Integrated Products
1
DS4125–DS4776
VCC
OUTP
OUTN
LVDS OPTION
OE
GND
0.01
μF
0.1
μF
100
Ω
DS4125–DS4776
VCC
OUTP
OUTN
LVPECL OPTION
OE
GND
0.01
μF
0.1
μF
50
Ω
50
Ω
PECL_BIAS
VCC - 2.0V
Typical Operating Circuits
Rev 2; 6/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration and Selector Guide appear at end of
data sheet.
Ordering Information continued at end of data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package. The lead
finish is JESD97 category e4 (Au over Ni) and is compatible with
both lead-based and lead-free soldering processes.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
DS4125D+
-40
°C to +85°C
10 LCCC
DS4125P+
-40
°C to +85°C
10 LCCC
DS4150D+
-40
°C to +85°C
10 LCCC
DS4150P+
-40
°C to +85°C
10 LCCC
DS4155D+
-40
°C to +85°C
10 LCCC
DS4155P+
-40
°C to +85°C
10 LCCC
DS4156D+
-40
°C to +85°C
10 LCCC
DS4156P+
-40
°C to +85°C
10 LCCC
DS4160D+
-40
°C to +85°C
10 LCCC
DS4160P+
-40
°C to +85°C
10 LCCC
DS4250D+
-40
°C to +85°C
10 LCCC
DS4250P+
-40
°C to +85°C
10 LCCC
DS4300D+
-40
°C to +85°C
10 LCCC
DS4300P+
-40
°C to +85°C
10 LCCC


Similar Part No. - DS4160D+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4160D++ MAXIM-DS4160D+ Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
More results

Similar Description - DS4160D+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4125 MAXIM-DS4125 Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
logo
Vectron International, ...
XO-400 VECTRON-XO-400_09 Datasheet
141Kb / 2P
   Crystal Oscillators (XO?셲)
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
GMPALAHATA-WK WK-GMPALAHATA-WK Datasheet
94Kb / 1P
   CRYSTAL-OSCILLATORS
logo
Vectron International, ...
XO-480 VECTRON-XO-480 Datasheet
56Kb / 2P
   Crystal Oscillators
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
   Crystal Oscillators
logo
Nel Frequency Controls,...
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
   crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com