Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4M125 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4M125
Description  3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4M125 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4M125 Datasheet HTML 1Page - Maxim Integrated Products DS4M125 Datasheet HTML 2Page - Maxim Integrated Products DS4M125 Datasheet HTML 3Page - Maxim Integrated Products DS4M125 Datasheet HTML 4Page - Maxim Integrated Products DS4M125 Datasheet HTML 5Page - Maxim Integrated Products DS4M125 Datasheet HTML 6Page - Maxim Integrated Products DS4M125 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3.3V Margining Clock Oscillator with
LVPECL/LVDS Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage Range (VCC) .....................-0.3V to +4.0V
Continuous Power Dissipation (TA = +70°C) ...................330mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+125
°C
Storage Temperature Range ...............................-55
°C to +85°C
Soldering Temperature
(3 passes max of reflow)..........................................Refer to the
IPC/JEDEC J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
(Note 1)
3.135
3.3
3.465
V
ICC_D
LVDS, output loaded or unloaded
52
75
ICC_PU
LVPECL, output unloaded
49
70
Operating Current
ICC_PI
LVPECL, output loaded
74
100
mA
Inactive Current
ICC_OEZ
VOE = VIL
52
85
mA
OUTPUT FREQUENCY SPECIFICATIONS
DS4M125
MS = 0, OE = 1
125
DS4M133
MS = 0, OE = 1
133.33
Frequency
DS4M200
fO
MS = 0, OE = 1
200
MHz
Frequency Stability
fTOTAL/fO
Over temperature range, aging, load,
supply, and initial tolerance (Note 3)
-50
+50
ppm
Frequency Stability Over
Temperature
fTEMP/f
VCC = 3.3V
-35
+35
ppm
Initial Tolerance
fINITIAL/fV
VCC = 3.3V, TA = +25°C
±20
ppm
Frequency Change Due to VCC
fVCC/f
VCC = 3.3V ±5%
-3
+3
ppm/V
Frequency Change Due to Load
Variation
fLOAD/fO
±10% variation in termination
resistance
±1
ppm
Aging (15 Years)
fAGING
-7
+7
ppm
Phase Jitter
JRMS
Integrated phase RMS; 12kHz to 80MHz,
VCC = 3.3V, TA = +25°C
< 0.9
ps
Accumulated Deterministic Jitter
Due to Reference Spurs
No margin 155.52MHz output
0.6
ps
10kHz
12.9
100kHz (Note 4)
26.3
200kHz (Note 4)
20.1
Accumulated Deterministic Jitter
Due to Power-Supply Noise
1MHz (Note 4)
6.4
ps
Startup Time
tSTRT
1.0
ms
Frequency Switch Time
tSWITCH
0.5
ms
Input-Voltage High (OE)
VIH
(Note 5)
0.7 x
VCC
VCC
V


Similar Part No. - DS4M125

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
logo
SICK AG
DS40-N21211 SICK-DS40-N21211 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
DS40-N41211 SICK-DS40-N41211 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
DS40-P21211 SICK-DS40-P21211 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
DS40-P21221 SICK-DS40-P21221 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS4M125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
   LVPECL or LVDS Clock Oscillator
13/2/08
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
   LVPECL or LVDS CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
EE14-511 CONNOR-WINFIELD-EE14-511 Datasheet
209Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
EE14-511G CONNOR-WINFIELD-EE14-511G Datasheet
221Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
logo
Golledge Electronics Lt...
MCSO2LV GOLLEDGE-MCSO2LV Datasheet
556Kb / 4P
   3.3V Low Jitter Oscillator with LVDS Output
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com