Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4106 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS4106
Description  106.25MHz/212.5MHz/425MHz Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4106 Datasheet(HTML) 7 Page - Maxim Integrated Products

  DS4106_08 Datasheet HTML 1Page - Maxim Integrated Products DS4106_08 Datasheet HTML 2Page - Maxim Integrated Products DS4106_08 Datasheet HTML 3Page - Maxim Integrated Products DS4106_08 Datasheet HTML 4Page - Maxim Integrated Products DS4106_08 Datasheet HTML 5Page - Maxim Integrated Products DS4106_08 Datasheet HTML 6Page - Maxim Integrated Products DS4106_08 Datasheet HTML 7Page - Maxim Integrated Products DS4106_08 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
106.25MHz/212.5MHz/425MHz
Clock Oscillators
_______________________________________________________________________________________
7
Thermal Information
1
2
3
6
5
4
TOP VIEW
OE
N.C.
N.C.
*EP
*EXPOSED PAD
N.C.
N.C.
N.C.
GND
VCC
OUTN
OUTP
+
(5.00mm
× 3.20mm × 1.49mm)
DS4106/
DS4212/
DS4425
Pin Configuration
THETA-JA (°C/W)
90
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
10 LCCC
L1053+H2
21-0389
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages.


Similar Part No. - DS4106_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4106_0710 MAXIM-DS4106_0710 Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
More results

Similar Description - DS4106_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4106_0710 MAXIM-DS4106_0710 Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4106 MAXIM-DS4106 Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
logo
Kyocera Kinseki Corpota...
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
   Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
   Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
   Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
   Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com