Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1556W-120IND+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1556W-120IND+
Description  1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1556W-120IND+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1556W-120IND+ Datasheet HTML 6Page - Maxim Integrated Products DS1556W-120IND+ Datasheet HTML 7Page - Maxim Integrated Products DS1556W-120IND+ Datasheet HTML 8Page - Maxim Integrated Products DS1556W-120IND+ Datasheet HTML 9Page - Maxim Integrated Products DS1556W-120IND+ Datasheet HTML 10Page - Maxim Integrated Products DS1556W-120IND+ Datasheet HTML 11Page - Maxim Integrated Products DS1556W-120IND+ Datasheet HTML 12Page - Maxim Integrated Products DS1556W-120IND+ Datasheet HTML 13Page - Maxim Integrated Products DS1556W-120IND+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DS1556 1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
10 of 18
USING THE WATCHDOG TIMER
The watchdog timer can be used to detect an out-of-control processor. The user programs the watchdog
timer by setting the desired amount of time-out into the 8-bit Watchdog Register (Address 1FFF7h). The
five Watchdog Register bits BMB4 to BMB0 store a binary multiplier and the two lower order bits RB1
to RB0 select the resolution, where 00=1/16 second, 01=1/4 second, 10=1 second, and 11=4 seconds. The
watchdog timeout value is then determined by the multiplication of the 5-bit multiplier value with the
2-bit resolution value. (For example: writing 00001110 in the Watchdog Register = 3 x 1 second or
3 seconds.) If the processor does not reset the timer within the specified period, the Watchdog Flag (WF)
is set and a processor interrupt is generated and stays active until either the Watchdog Flag (WF) is read
or the Watchdog Register (1FFF7h) is read or written.
The most significant bit of the Watchdog Register is the Watchdog Steering Bit (WDS). When set to a 0,
the watchdog will activate the
IRQ/FT output when the watchdog times out.
When WDS is set to a 1, the watchdog will output a negative pulse on the
RST output for a duration of
40ms to 200ms. The Watchdog Register (1FFF7h) and the FT bit will reset to a 0 at the end of a
watchdog timeout when the WDS bit is set to a 1.
The watchdog timer resets when the processor performs a read or write of the Watchdog Register. The
time-out period then starts over. The watchdog timer is disabled by writing a value of 00h to the
Watchdog Register. The watchdog function is automatically disabled upon power-up and the Watchdog
Register is cleared. If the watchdog function is set to output to the
IRQ/FT output and the frequency test
function is activated, the watchdog function prevails and the frequency test function is denied.
POWER-ON DEFAULT STATES
Upon application of power to the device, the following register bits are set to a 0:
WDS = 0, BMB0 to BMB4 = 0, RB0 to RB1 = 0, AE = 0, ABE = 0.


Similar Part No. - DS1556W-120IND+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1556W-120IND DALLAS-DS1556W-120IND Datasheet
514Kb / 20P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
More results

Similar Description - DS1556W-120IND+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1556 DALLAS-DS1556 Datasheet
514Kb / 20P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
logo
Maxim Integrated Produc...
DS1743 MAXIM-DS1743 Datasheet
185Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping
REV: 090407
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com