Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1747-70+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1747-70+
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1747-70+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1747-70+ Datasheet HTML 7Page - Maxim Integrated Products DS1747-70+ Datasheet HTML 8Page - Maxim Integrated Products DS1747-70+ Datasheet HTML 9Page - Maxim Integrated Products DS1747-70+ Datasheet HTML 10Page - Maxim Integrated Products DS1747-70+ Datasheet HTML 11Page - Maxim Integrated Products DS1747-70+ Datasheet HTML 12Page - Maxim Integrated Products DS1747-70+ Datasheet HTML 13Page - Maxim Integrated Products DS1747-70+ Datasheet HTML 14Page - Maxim Integrated Products DS1747-70+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
11 of 16
AC CHARACTERISTICS—WRITE CYCLE (5V)
(VCC = 5.0V 10%, TA = Over the Operating Range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Write Cycle Time
tWC
70
ns
Address Setup Time
tAS
0
ns
WE
Pulse Width
tWEW
50
ns
CE
Pulse Width
tCEW
60
ns
Data Setup Time
tDS
30
ns
Data Hold Time
tDH1
0
ns
8
Data Hold Time
tDH2
0
ns
9
Address Hold Time
tAH1
5
ns
8
Address Hold Time
tAH2
5
ns
9
WE
Data Off Time
tWEZ
25
ns
Write Recovery Time
tWR
5
ns
AC CHARACTERISTICS—WRITE CYCLE (3.3V)
(VCC = 3.3V 10%, TA = Over the Operating Range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Write Cycle Time
tWC
120
ns
Address Setup Time
tAS
0
120
ns
WE
Pulse Width
tWEW
100
ns
CE Pulse Width
tCEW
110
ns
CE
and CE2 Pulse Width
tCEW
110
ns
Data Setup Time
tDS
80
ns
Data Hold Time
tDH1
0
ns
8
Data Hold Time
tDH2
0
ns
9
Address Hold Time
tAH1
0
ns
8
Address Hold Time
tAH2
10
ns
9
WE
Data Off Time
tWEZ
40
ns
Write Recovery Time
tWR
10
ns


Similar Part No. - DS1747-70+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1747-70++ MAXIM-DS1747-70+ Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
More results

Similar Description - DS1747-70+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com