Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1338C-33 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1338C-33
Description  I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1338C-33 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1338C-33 Datasheet HTML 4Page - Maxim Integrated Products DS1338C-33 Datasheet HTML 5Page - Maxim Integrated Products DS1338C-33 Datasheet HTML 6Page - Maxim Integrated Products DS1338C-33 Datasheet HTML 7Page - Maxim Integrated Products DS1338C-33 Datasheet HTML 8Page - Maxim Integrated Products DS1338C-33 Datasheet HTML 9Page - Maxim Integrated Products DS1338C-33 Datasheet HTML 10Page - Maxim Integrated Products DS1338C-33 Datasheet HTML 11Page - Maxim Integrated Products DS1338C-33 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS1338 I
2C RTC with 56-Byte NV RAM
8 of 16
OPERATION
The DS1338 operates as a slave device on the serial bus. Access is obtained by implementing a START condition
and providing a device identification code, followed by data. Subsequent registers can be accessed sequentially
until a STOP condition is executed. The device is fully accessible and data can be written and read when VCC is
greater than VPF. However, when VCC falls below V
PF, the internal clock registers are blocked from any access. If
VPF is less than VBAT, the device power is switched from VCC to VBAT when VCC drops below VPF. If VPF is greater
than VBAT, the device power is switched from VCC to VBAT when VCC drops below VBAT. The oscillator and
timekeeping functions are maintained from the VBAT source until VCC is returned to nominal levels. The block
diagram (Figure 3) shows the main elements of the DS1338.
An enable bit in the seconds register controls the oscillator. Oscillator startup times are highly dependent upon
crystal characteristics, PC board leakage, and layout. High ESR and excessive capacitive loads are the major
contributors to long start-up times. A circuit using a crystal with the recommended characteristics and proper layout
usually starts within 1 second.
POWER CONTROL
The power-control function is provided by a precise, temperature-compensated voltage reference and a
comparator circuit that monitors the VCC level. The device is fully accessible and data can be written and read when
VCC is greater than VPF. However, when VCC falls below VPF, the internal clock registers are blocked from any
access. If VPF is less than VBAT, the device power is switched from VCC to VBAT when VCC drops below VPF. If VPF is
greater than VBAT, the device power is switched from VCC to VBAT when VCC drops below VBAT. The registers are
maintained from the VBAT source until VCC is returned to nominal levels (Table 1). After VCC returns above VPF, read
and write access is allowed after tREC (Figure 1). On the first application of power to the device the time and date
registers are reset to 01/01/00 01 00:00:00 (MM/DD/YY DOW HH:MM:SS). The CH bit in the seconds register will be set
to a 1.
Table 1. Power Control
SUPPLY
CONDITION
READ/WRITE
ACCESS
POWERED
BY
VCC < VPF, VCC < VBAT
No
VBAT
VCC < VPF, VCC > VBAT
No
VCC
VCC > VPF, VCC < VBAT
Yes
VCC
VCC > VPF, VCC > VBAT
Yes
VCC
OSCILLATOR CIRCUIT
The DS1338 uses an external 32.768kHz crystal. The oscillator circuit does not require any external resistors or
capacitors to operate. Table 2 specifies several crystal parameters for the external crystal. Figure 3 shows a
functional schematic of the oscillator circuit. The startup time is usually less than 1 second when using a crystal
with the specified characteristics.
Table 2. Crystal Specifications*
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
50
k
Load Capacitance
CL
12.5
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to
Application Note 58: Crystal Considerations for Dallas Real-Time Clocks for additional specifications.


Similar Part No. - DS1338C-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338C-33 MAXIM-DS1338C-33 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
More results

Similar Description - DS1338C-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1308 MAXIM-DS1308_V01 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
DS1308 MAXIM-DS1308 Datasheet
1Mb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
logo
NXP Semiconductors
PCF85053A NXP-PCF85053A Datasheet
662Kb / 43P
   Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.0 - 31 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com