Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1338U-33 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1338U-33
Description  I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1338U-33 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1338U-33 Datasheet HTML 3Page - Maxim Integrated Products DS1338U-33 Datasheet HTML 4Page - Maxim Integrated Products DS1338U-33 Datasheet HTML 5Page - Maxim Integrated Products DS1338U-33 Datasheet HTML 6Page - Maxim Integrated Products DS1338U-33 Datasheet HTML 7Page - Maxim Integrated Products DS1338U-33 Datasheet HTML 8Page - Maxim Integrated Products DS1338U-33 Datasheet HTML 9Page - Maxim Integrated Products DS1338U-33 Datasheet HTML 10Page - Maxim Integrated Products DS1338U-33 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS1338 I
2C RTC with 56-Byte NV RAM
7 of 16
PIN DESCRIPTION
PIN
8
16
NAME
FUNCTION
1
X1
2
X2
32.768kHz Crystal Connections. The internal oscillator circuitry is designed for
operation with a crystal having a specified load capacitance (CL) of 12.5pF. An
external 32.768kHz oscillator can also drive the DS1338. In this configuration,
the X1 pin is connected to the external oscillator signal and the X2 pin is
floated.
Note: For more information about crystal selection and crystal layout considerations,
refer to
Application Note 58: Crystal Considerations with Dallas Real-Time Clocks.
3
14
VBAT
Backup Supply Input for Lithium Cell or Other Energy Source. Battery voltage
must be held between the minimum and maximum limits for proper operation.
Diodes placed in series between the backup source and the VBAT pin may
prevent proper operation. If a backup supply is not required, VBAT must be
grounded. UL recognized to ensure against reverse charging when used with a
lithium cell. For more information, visit www.maxim-ic.com/qa/info/ul.
4
15
GND
Ground. DC power is provided to the device on these pins. VCC is the primary
power input. When voltage is applied within normal limits, the device is fully
accessible and data can be written and read. When a backup supply is
connected to the device and VCC is below VPF, reads and writes are inhibited.
However, the timekeeping function continues unaffected by the lower input
voltage.
5
16
SDA
Serial Data. Input/output pin for the I
2C serial interface. It is an open drain
output and requires an external pullup resistor. The pull up voltage may be up
to 5.5V regardless of the voltage on VCC.
6
1
SCL
Serial Clock. Input pin for the I
2C serial interface. Used to synchronize data
movement on the serial interface. The pull up voltage may be up to 5.5V
regardless of the voltage on VCC.
7
2
SQW/OUT
Square-Wave/Output Driver. When enabled and the SQWE bit set to 1, the
SQW/OUT pin outputs one of four square-wave frequencies (1Hz, 4kHz, 8kHz,
32kHz). It is an open drain output and requires an external pullup resistor.
Operates with either VCC or VBAT applied. The pull up voltage may be up to
5.5V regardless of the voltage on VCC. If not used, this pin may be left floating.
8
3
VCC
Primary Power Supply. When voltage is applied within normal limits, the device
is fully accessible and data can be written and read. When a backup supply is
connected to the device and VCC is below VPF, reads and writes are inhibited.
The backup supply maintains the timekeeping function while VCC is absent.
4–13
N.C.
No Connection. These pins are not connected internally, but must be grounded
for proper operation.
DETAILED DESCRIPTION
The DS1338 serial RTC is a low-power, full BCD clock/calendar plus 56 bytes of NV SRAM. Address and data are
transferred serially through an I
2C interface. The clock/calendar provides seconds, minutes, hours, day, date,
month, and year information. The end of the month date is automatically adjusted for months with fewer than 31
days, including corrections for leap year. The clock operates in either the 24-hour or 12-hour format with AM/PM
indicator. The DS1338 has a built-in power-sense circuit that detects power failures and automatically switches to
the VBAT supply.


Similar Part No. - DS1338U-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338U-33 MAXIM-DS1338U-33 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338U-33++ MAXIM-DS1338U-33+ Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338U-33++ MAXIM-DS1338U-33+ Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
More results

Similar Description - DS1338U-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1308 MAXIM-DS1308_V01 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
DS1308 MAXIM-DS1308 Datasheet
1Mb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
logo
NXP Semiconductors
PCF85053A NXP-PCF85053A Datasheet
662Kb / 43P
   Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.0 - 31 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com