Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1553-85+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1553-85+
Description  64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1553-85+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1553-85+ Datasheet HTML 6Page - Maxim Integrated Products DS1553-85+ Datasheet HTML 7Page - Maxim Integrated Products DS1553-85+ Datasheet HTML 8Page - Maxim Integrated Products DS1553-85+ Datasheet HTML 9Page - Maxim Integrated Products DS1553-85+ Datasheet HTML 10Page - Maxim Integrated Products DS1553-85+ Datasheet HTML 11Page - Maxim Integrated Products DS1553-85+ Datasheet HTML 12Page - Maxim Integrated Products DS1553-85+ Datasheet HTML 13Page - Maxim Integrated Products DS1553-85+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS1553 64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
10 of 20
USING THE WATCHDOG TIMER
The watchdog timer can be used to detect an out-of-control processor. The user programs the watchdog
timer by setting the desired amount of timeout into the 8-bit Watchdog register (Address 1FF7h). The five
Watchdog register bits BMB4–BMB0 store a binary multiplier and the two lower-order bits
RB1–RB0 select the resolution, where 00 = 1/16 second, 01 = 1/4 second, 10 = 1 second, and
11 = 4 seconds. The watchdog timeout value is then determined by the multiplication of the 5-bit
multiplier value with the 2-bit resolution value. (For example: writing 00001110 in the Watchdog register
= 3 x 1 second or 3 seconds.) If the processor does not reset the timer within the specified period, the
Watchdog Flag (WF) is set and a processor interrupt is generated and stays active until either the
Watchdog Flag (WF) is read or the Watchdog register (1FF7) is read or written.
The most significant bit of the Watchdog register is the Watchdog Steering Bit (WDS). When set to 0, the
watchdog activates the IRQ /FT output when the watchdog times out.
When WDS is set to 1, the watchdog outputs a negative pulse on the RST output for 40ms to 200ms. The
Watchdog register (1FF7) and the FT bit are reset to 0 at the end of a watchdog timeout when the WDS
bit is set to 1.
The watchdog timer resets when the processor performs a read or write of the Watchdog register. The
timeout period then starts over. Writing a value of 00h to the Watchdog register disables the watchdog
timer. The watchdog function is automatically disabled upon power-up and the Watchdog register is
cleared. If the watchdog function is set to output to the IRQ /FT output and the frequency test function is
activated, the watchdog function prevails and the frequency test function is denied.
POWER-ON DEFAULT STATES
Upon application of power to the device, the following register bits are set to 0:
WDS = 0, BMB0–BMB4 = 0, RB0–RB1 = 0, AE = 0, and ABE = 0.


Similar Part No. - DS1553-85+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1553 DALLAS-DS1553 Datasheet
435Kb / 19P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
logo
Maxim Integrated Produc...
DS1553P/YP/WP MAXIM-DS1553P/YP/WP Datasheet
114Kb / 5P
   PowerCap with Crystal
Rev 10/10
More results

Similar Description - DS1553-85+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1553 DALLAS-DS1553 Datasheet
435Kb / 19P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
logo
Maxim Integrated Produc...
DS1556 MAXIM-DS1556_10 Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
logo
Dallas Semiconductor
DS1556 DALLAS-DS1556 Datasheet
514Kb / 20P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com