Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15015BATX+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15015BATX+
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15015BATX+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15015BATX+ Datasheet HTML 3Page - Maxim Integrated Products MAX15015BATX+ Datasheet HTML 4Page - Maxim Integrated Products MAX15015BATX+ Datasheet HTML 5Page - Maxim Integrated Products MAX15015BATX+ Datasheet HTML 6Page - Maxim Integrated Products MAX15015BATX+ Datasheet HTML 7Page - Maxim Integrated Products MAX15015BATX+ Datasheet HTML 8Page - Maxim Integrated Products MAX15015BATX+ Datasheet HTML 9Page - Maxim Integrated Products MAX15015BATX+ Datasheet HTML 10Page - Maxim Integrated Products MAX15015BATX+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
_______________________________________________________________________________________
7
SYSTEM SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-50
0
50
100
150
0
1
2
3
4
5
6
7
8
9
10
MAX15016
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
-60 -40 -20 0
20 40 60 80 100 120 140 160
130
131
132
133
134
135
136
137
138
139
140
MAX15016A
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
-60 -40 -20 0
20 40 60 80 100 120 140 160
450
460
470
480
490
500
510
520
530
MAX15015A
MAXIMUM DUTY CYCLE
vs. INPUT VOLTAGE (MAX15016A)
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
90
91
92
93
94
95
96
97
98
99
100
ERROR AMPLIFIER OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
FREQUENCY (Hz)
MAX15014 toc06
60
100
140
180
220
260
300
340
-10
0
10
20
30
40
50
60
70
80
90
100
110
0.1
1
10
100
1k
10k 100k 1M 10M
GAIN
PHASE
OUTPUT CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0
1020304050
0
0.5
1.0
1.5
2.0
2.5
TA = 0°C
TA = +25°C
TA = +85°C
TA = +135°C
Typical Operating Characteristics
(VIN_SW = VIN_LDO = VDRAIN =14V, VEN_SYS = VEN_SW = 2.4V, VREG = VDVREG, VSYNC = VSET_LDO = VSGND = VPGND = 0V, CREG =
1µF, CIN_SW = 0.1µF, CIN_LDO = 0.1µF, CLDO_OUT = 10µF, CDRAIN = 0.22µF, see Figures 6 and 7, TA = +25°C, unless otherwise noted.)
80
84
82
88
86
92
90
94
98
96
100
010
15
5
2025303540
MAXIMUM DUTY CYCLE
vs. INPUT VOLTAGE (MAX15015A)
INPUT VOLTAGE (V)
2ms/div
TURN-ON/-OFF WAVEFORM
EN_SW
2V/div
0V
0V
VOUT
2V/div
MAX15014 toc08
ILOAD = 1A
2ms/div
TURN-ON/-OFF WAVEFORM
EN_SW
2V/div
VOUT
2V/div
MAX15014 toc09
ILOAD = 100mA
0V
0V


Similar Part No. - MAX15015BATX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15015BATX++ MAXIM-MAX15015BATX+ Datasheet
2Mb / 25P
   1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
Rev 1; 11/14
More results

Similar Description - MAX15015BATX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15014 MAXIM-MAX15014 Datasheet
2Mb / 25P
   1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
Rev 1; 11/14
logo
Diodes Incorporated
AP64060 DIODES-AP64060 Datasheet
1Mb / 18P
   4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 2 - 2 August 2022
AP64060Q DIODES-AP64060Q_V01 Datasheet
1Mb / 19P
   4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 September 2022
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX17673 MAXIM-MAX17673 Datasheet
1Mb / 27P
   Integrated 4.5V to 60V Synchronous 1.5A HV Buck and Dual 2.7V to 5.5V, 1A Buck Regulators
Rev 2; 11/19
logo
Diodes Incorporated
AP64100 DIODES-AP64100 Datasheet
1Mb / 26P
   3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64102 DIODES-AP64102 Datasheet
1Mb / 21P
   3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 2 - 2 July 2021
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com