Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2156G Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2156G
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
Download  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156G Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2156G Datasheet HTML 6Page - Maxim Integrated Products DS2156G Datasheet HTML 7Page - Maxim Integrated Products DS2156G Datasheet HTML 8Page - Maxim Integrated Products DS2156G Datasheet HTML 9Page - Maxim Integrated Products DS2156G Datasheet HTML 10Page - Maxim Integrated Products DS2156G Datasheet HTML 11Page - Maxim Integrated Products DS2156G Datasheet HTML 12Page - Maxim Integrated Products DS2156G Datasheet HTML 13Page - Maxim Integrated Products DS2156G Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 265 page
background image
DS2156
10 of 265
RCL, RLOS, RRA, and RAIS alarms interrupt on
change-of-state
Flexible signaling support
Software or hardware based
Interrupt generated on change of signaling data
Receive signaling freeze on loss-of-sync,
carrier loss, or frame slip
Addition of hardware pins to indicate carrier loss
and signaling freeze
Automatic RAI generation to ETS 300 011
specifications
Access to Sa and Si bits
Option to extend carrier loss criteria to a 1ms
period as per ETS 300 233
Japanese J1 support
Ability to calculate and check CRC6 according
to the Japanese standard
Ability to generate Yellow Alarm according to
the Japanese standard
TDM Bus
Dual two-frame independent receive and transmit
elastic stores
Independent control and clocking
Controlled slip capability with status
Minimum delay mode supported
16.384MHz maximum backplane burst rate
Supports T1 to CEPT (E1) conversion
Programmable output clocks for fractional T1, E1,
H0, and H12 applications
Interleaving PCM bus operation
Hardware signaling capability
Receive signaling reinsertion to a backplane
multiframe sync
Availability of signaling in a separate PCM
data stream
Signaling freezing
Ability to pass the T1 F-bit position through the
elastic stores in the 2.048MHz backplane mode
Access to the data streams in between the
framer/formatter and the elastic stores
User-selectable synthesized clock output
UTOPIA Bus
Supports fractional T1/E1 and arbitrary bit rates in
multiples of 64kbps (DS0/TS) up to 2.048Mbps
Supports clear E1
Compliant to the ATM forum specifications for
ATM over DS1 and E1, respectively
Standard UTOPIA-II interface to the ATM layer
Configurable UTOPIA address
Supports diagnostic loopback
Optional payload scrambling in transmit direction
and descrambling in receive direction as per the
ITU I.432 for the cell-based physical layer
Optional HEC insertion in transmit direction with
programmable COSET polynomial addition
Option of using either idle or unassigned cells for
cell-rate decoupling in transmit direction
1-Byte programmable pattern for payload of cells
used for cell-rate decoupling
Transmit FIFO depth configurable to either 2, 3, 4
cell deep, which provides control over cell latency
Transmit FIFO depth indication for 2-cell space
Optional single-bit HEC error insertion
HEC-based cell delineation
Optional single-bit HEC error correction in the
receive direction
Optional filtering of HEC errored cells received
Optional receive idle/unassigned cell filtering
Programmable loss-of-cell delineation (LCD)
integration and optional interrupt
Interrupt for FIFO overrun in receive direction
Saturating counts for:
Number of error-free assigned cells received
and transmitted
Number of correctable and uncorrectable HEC-
errored cells received
Optional internally generated clock (system clock
divided by 8) in diagnostic loopback mode
HDLC Controllers
Two independent HDLC controllers
Fast load and unload features for FIFOs
SS7 support for FISU transmit and receive
Independent 128-byte Rx and Tx buffers with
interrupt support
Access FDL, Sa, or single/multiple DS0 channels
DS0 access includes Nx64 or Nx56
Compatible with polled or interrupt driven
environments
Bit-oriented code (BOC) support
Test and Diagnostics
Programmable on-chip bit error-rate testing
Pseudorandom patterns including QRSS
User-defined repetitive patterns
Daly pattern
Error insertion single and continuous
Total bit and errored bit counts
Payload error insertion
Error insertion in the payload portion of the T1
frame in the transmit path
Errors can be inserted over the entire frame or
selected channels
Insertion options include continuous and absolute
number with selectable insertion rates
F-bit corruption for line testing


Similar Part No. - DS2156G

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2156 DALLAS-DS2156 Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
logo
Maxim Integrated Produc...
DS2156 MAXIM-DS2156 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
DS2156DK MAXIM-DS2156DK Datasheet
3Mb / 21P
   Single-Chip Transceiver Design Kit Daughter Cards
REV: 110106
logo
Dallas Semiconductor
DS2156L DALLAS-DS2156L Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
DS2156LN DALLAS-DS2156LN Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
More results

Similar Description - DS2156G

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2156 DALLAS-DS2156 Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com