Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21352LN Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS21352LN
Description  T1 Single-Chip Transceivers
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21352LN Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS21352LN Datasheet HTML 1Page - Maxim Integrated Products DS21352LN Datasheet HTML 2Page - Maxim Integrated Products DS21352LN Datasheet HTML 3Page - Maxim Integrated Products DS21352LN Datasheet HTML 4Page - Maxim Integrated Products DS21352LN Datasheet HTML 5Page - Maxim Integrated Products DS21352LN Datasheet HTML 6Page - Maxim Integrated Products DS21352LN Datasheet HTML 7Page - Maxim Integrated Products DS21352LN Datasheet HTML 8Page - Maxim Integrated Products DS21352LN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
1 of 137
120501
FEATURES
§
Complete DS1/ISDN–PRI/J1 transceiver functionality
§
Long and Short haul LIU
§
Crystal–less jitter attenuator
§
Generates DSX–1 and CSU line build-outs
§
HDLC controller with 64-byte buffers Configurable for
FDL or DS0 operation
§
Dual two–frame elastic store slip buffers that can
connect to asynchronous backplanes up to 8.192MHz
§
8.192MHz clock output locked to RCLK
§
Interleaving PCM Bus Operation
§
Per-channel loopback and idle code insertion
§
8-bit parallel control port muxed or nonmuxed buses
(Intel or Motorola)
§
Programmable output clocks for Fractional T1
§
Fully independent transmit and receive functionality
§
Generates/detects in-band loop codes from 1 to 8 bits
in length including CSU loop codes
§
IEEE 1149.1 JTAG-Boundary Scan
§
Pin compatible with DS2152/54/354/554 SCTs
§
100-pin LQFP package (14 mm x 14 mm) 3.3V
(DS21352) or 5V (DS21552) supply; low power
CMOS
ORDERING INFORMATION
DS21352L
(0
°C to +70°C)
DS21352LN
(-40
°C to +85°C)
DS21552L
(0
°C to +70°C)
DS21552LN
(-40
°C to +85°C)
DESCRIPTION
The DS21352/552 T1 single-chip transceiver contains all of the necessary functions for connection to T1
lines whether they are DS1 long haul or DSX–1 short haul. The clock recovery circuitry automatically
adjusts to T1 lines from 0 feet to over 6000 feet in length. The device can generate both DSX–1 line build
outs as well as CSU line build-outs of -7.5dB, -15dB, and -22.5dB. The onboard jitter attenuator
(selectable to either 32 bits or 128 bits) can be placed in either the transmit or receive data paths. The
framer locates the frame and multiframe boundaries and monitors the data stream for alarms. It is also
used for extracting and inserting robbed-bit signaling data and FDL data. The device contains a set of
internal registers which the user can access and control the operation of the unit. Quick access via the
parallel control port allows a single controller to handle many T1 lines. The device fully meets all of the
latest T1 specifications including ANSI T1.403-1995, ANSI T1.231-1993, AT&T TR 62411 (12–90),
AT&T TR54016, and ITU G.703, G.704, G.706, G.823, and I.431.
1
100
PIN ASSIGNMENT
3.3V DS21352 and 5V DS21552
T1 Single-Chip Transceivers
www.maxim-ic.com
DS21352
DS21552


Similar Part No. - DS21352LN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21352LN DALLAS-DS21352LN Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
More results

Similar Description - DS21352LN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21352 DALLAS-DS21352 Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
DS2151Q DALLAS-DS2151Q Datasheet
1Mb / 51P
   T1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
   T1 Single-Chip Transceiver
REV: 011706
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
   Enhanced T1 Single-Chip Transceiver
REV: 011706
logo
Dallas Semiconductor
DS21458 DALLAS-DS21458 Datasheet
1Mb / 270P
   Quad T1/E1/J1 Transceivers
DS2152 DALLAS-DS2152 Datasheet
1,003Kb / 94P
   Enhanced T1 Single-Chip Transceiver
logo
Synaptics Incorporated.
BT8375 CONEXANT-BT8375 Datasheet
1Mb / 323P
   single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
944Kb / 124P
   3.3V/5V E1 Single-Chip Transceivers
REV: 021004
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com