Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26521LN Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS26521LN
Description  Single T1/E1/J1 Transceiver
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521LN Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS26521LN Datasheet HTML 6Page - Maxim Integrated Products DS26521LN Datasheet HTML 7Page - Maxim Integrated Products DS26521LN Datasheet HTML 8Page - Maxim Integrated Products DS26521LN Datasheet HTML 9Page - Maxim Integrated Products DS26521LN Datasheet HTML 10Page - Maxim Integrated Products DS26521LN Datasheet HTML 11Page - Maxim Integrated Products DS26521LN Datasheet HTML 12Page - Maxim Integrated Products DS26521LN Datasheet HTML 13Page - Maxim Integrated Products DS26521LN Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
10 of 258
2.
FEATURE HIGHLIGHTS
2.1
General
Single-port member of the TEX-series transceiver family of devices
Software compatible with the DS26522 dual, DS26524 quad, and DS26528 octal transceivers
64-pin LQFP package
3.3V supply with 5V tolerant inputs and outputs
IEEE 1149.1 JTAG boundary scan
Development support includes evaluation kit, driver source code, and reference designs
2.2
Line Interface
Requires a single master clock (MCLK) for both E1 and T1 operation. Master clock can be 1.544MHz,
2.048MHz, 3.088MHz, 4.096MHz, 6.276MHz, 8.192MHz, 12.552MHz, or 16.384MHz
Fully software configurable
Short- and long-haul applications
Ranges include 0dB to -43dB, 0dB to -30dB, 0dB to 20dB, and 0dB to -12dB for E1; 0dB to -36dB, 0dB to
30dB, 0dB to 20dB, and 0dB to -15dB for T1
Receiver signal level indication from -2.5dB to -36dB in T1 mode and -2.5dB to -44dB in E1 mode in 2.5dB
increments
Internal receive termination option for 75
Ω, 100Ω, 110Ω, and 120Ω lines
Monitor application gain settings of 14dB, 20dB, 26dB, and 32dB
G.703 receive synchronization signal mode
Flexible transmit waveform generation
T1 DSX-1 line build-outs
T1 CSU line build-outs of 0dB, -7.5dB, -15dB, and -22.5dB
E1 waveforms include G.703 waveshapes for both 75
Ω coax and 120Ω twisted cables
Analog loss-of-signal detection
AIS generation independent of loopbacks
Alternating ones and zeros generation
Receiver power-down
Transmitter power-down
Transmitter short-circuit limiter with current-limit-exceeded indication
Transmit open-circuit-detected indication
2.3
Clock Synthesizer
Output frequencies include 2.048MHz, 4.096MHz, 8.192MHz, and 16.384MHz
Derived from user-selected recovered receive clock
2.4
Jitter Attenuator
32-bit or 128-bit crystal-less jitter attenuator
Requires only a 1.544MHz or 2.048MHz master clock or multiple thereof, for both E1 and T1 operation
Can be placed in either the receive or transmit path or disabled
Limit trip indication
2.5
Framer/Formatter
Fully independent transmit and receive functionality
Full receive and transmit path transparency
T1 framing formats D4 and ESF per T1.403, and expanded SLC-96 support (TR-TSY-008)
E1 FAS framing and CRC-4 multiframe per G.704, G.706, and G.732 CAS multiframe
Transmit-side synchronizer
Transmit midpath CRC recalculate (E1)


Similar Part No. - DS26521LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26521DK MAXIM-DS26521DK Datasheet
1Mb / 18P
   Single T1/E1/J1 Transceiver Design Kit
REV: 021406
More results

Similar Description - DS26521LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
   QUAD T1/E1/J1 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com