Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3010CEJ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG3010CEJ
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3010CEJ Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG3010CEJ Datasheet HTML 1Page - NXP Semiconductors PMEG3010CEJ Datasheet HTML 2Page - NXP Semiconductors PMEG3010CEJ Datasheet HTML 3Page - NXP Semiconductors PMEG3010CEJ Datasheet HTML 4Page - NXP Semiconductors PMEG3010CEJ Datasheet HTML 5Page - NXP Semiconductors PMEG3010CEJ Datasheet HTML 6Page - NXP Semiconductors PMEG3010CEJ Datasheet HTML 7Page - NXP Semiconductors PMEG3010CEJ Datasheet HTML 8Page - NXP Semiconductors PMEG3010CEJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an
integrated guard ring for stress protection, encapsulated in small and flat lead
Surface-Mounted Device (SMD) plastic packages.
1.2 Features
I Forward current: IF ≤ 1A
I Reverse voltage: VR ≤ 30 V
I Very low forward voltage
I Small and flat lead SMD plastic packages
1.3 Applications
I Low voltage rectification
I High efficiency DC-to-DC conversion
I Switch mode power supply
I Reverse polarity protection
I Low power consumption applications
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PMEG3010CEH; PMEG3010CEJ
1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 — 22 March 2007
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
NXP
JEITA
PMEG3010CEH
SOD123F
-
single
PMEG3010CEJ
SOD323F
SC-90
single
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
Tsp ≤ 55 °C
--1
A
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF =1A
[1] -
450
520
mV


Similar Part No. - PMEG3010CEJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010CEJ PHILIPS-PMEG3010CEJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG3010CEJ NEXPERIA-PMEG3010CEJ Datasheet
647Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 22 March 2007
PMEG3010CEJ-Q NEXPERIA-PMEG3010CEJ-Q Datasheet
192Kb / 9P
   30 V, 1 A very low VF Schottky barrier rectifier
15 July 2022
More results

Similar Description - PMEG3010CEJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG2010EH NEXPERIA-PMEG2010EH Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG3010EH NXP-PMEG3010EH_07 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG6010CEH NXP-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG4010CEH NEXPERIA-PMEG4010CEH Datasheet
679Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 22 March 2007
logo
NXP Semiconductors
PMEG2010AEH NXP-PMEG2010AEH Datasheet
77Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-28 March 2007
PMEG2010EH NXP-PMEG2010EH Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG4010CEH NXP-PMEG4010CEH Datasheet
107Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG4010EJ PHILIPS-PMEG4010EJ Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com