Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3010EH Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMEG3010EH
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3010EH Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMEG3010EH_07 Datasheet HTML 3Page - NXP Semiconductors PMEG3010EH_07 Datasheet HTML 4Page - NXP Semiconductors PMEG3010EH_07 Datasheet HTML 5Page - NXP Semiconductors PMEG3010EH_07 Datasheet HTML 6Page - NXP Semiconductors PMEG3010EH_07 Datasheet HTML 7Page - NXP Semiconductors PMEG3010EH_07 Datasheet HTML 8Page - NXP Semiconductors PMEG3010EH_07 Datasheet HTML 9Page - NXP Semiconductors PMEG3010EH_07 Datasheet HTML 10Page - NXP Semiconductors PMEG3010EH_07 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NXP Semiconductors
PMEG3010EH/EJ/ET
1 A very low VF MEGA Schottky barrier rectifiers
© NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 20 March 2007
Document identifier: PMEG3010EH_EJ_ET_4
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
15. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 4
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Test information . . . . . . . . . . . . . . . . . . . . . . . . . 6
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6
10
Packing information. . . . . . . . . . . . . . . . . . . . . . 7
11
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
12
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9
13
Legal information. . . . . . . . . . . . . . . . . . . . . . . 10
13.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 10
13.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
13.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
13.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
14
Contact information. . . . . . . . . . . . . . . . . . . . . 10
15
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11


Similar Part No. - PMEG3010EH_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010EH PHILIPS-PMEG3010EH_15 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
More results

Similar Description - PMEG3010EH_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG2010EH NEXPERIA-PMEG2010EH Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG6010CEH NXP-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG4010CEH NEXPERIA-PMEG4010CEH Datasheet
679Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 22 March 2007
logo
NXP Semiconductors
PMEG2010AEH NXP-PMEG2010AEH Datasheet
77Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-28 March 2007
PMEG2010EH NXP-PMEG2010EH Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG4010CEH NXP-PMEG4010CEH Datasheet
107Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG4010EJ PHILIPS-PMEG4010EJ Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com