Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA204S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BTA204S
Description  Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA204S Datasheet(HTML) 2 Page - NXP Semiconductors

  BTA204S Datasheet HTML 1Page - NXP Semiconductors BTA204S Datasheet HTML 2Page - NXP Semiconductors BTA204S Datasheet HTML 3Page - NXP Semiconductors BTA204S Datasheet HTML 4Page - NXP Semiconductors BTA204S Datasheet HTML 5Page - NXP Semiconductors BTA204S Datasheet HTML 6Page - NXP Semiconductors BTA204S Datasheet HTML 7Page - NXP Semiconductors BTA204S Datasheet HTML 8Page - NXP Semiconductors BTA204S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
9397 750 14862
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 24 May 2005
2 of 13
Philips Semiconductors
BTA204S series B and C
Three-quadrant triacs high communication
3.
Ordering information
4.
Limiting values
[1]
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state.
The rate of rise of current should not exceed 6 A/
µs.
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BTA204S-600B
DPAK
plastic single-ended surface mounted package; 3 leads (one lead cropped)
SOT428
BTA204S-600C
BTA204S-800B
BTA204S-800C
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BTA204S-600B; BTA204S-600C
[1] -
600
V
BTA204S-800B; BTA204S-800C
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 107 °C;
see Figure 4 and 5
-4
A
ITSM
non-repetitive peak on-state current
full sine wave; Tj =25 °C prior to surge;
see Figure 2 and 3
t=20ms
-
25
A
t = 16.7 ms
-
27
A
I2tI2t for fusing
t = 10 ms
-
3.1
A2s
dIT/dt
repetitive rate of rise of on-state
current after triggering
ITM = 6 A; IG = 0.2 A; dIG/dt = 0.2 A/µs
-
100
A/
µs
IGM
peak gate current
-
2
A
VGM
peak gate voltage
-
5
V
PGM
peak gate power
-
5
W
PG(AV)
average gate power
over any 20 ms period
-
0.5
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
125
°C


Similar Part No. - BTA204S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204S-1000C NXP-BTA204S-1000C Datasheet
667Kb / 15P
   3Q Hi-Com Triac High blocking voltage capability
Rev. 1-6 June 2011
logo
WeEn Semiconductors
BTA204S-1000C WEEN-BTA204S-1000C Datasheet
264Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA204S-500B PHILIPS-BTA204S-500B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
BTA204S-500C PHILIPS-BTA204S-500C Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
BTA204S-500D PHILIPS-BTA204S-500D Datasheet
67Kb / 8P
   Three quadrant triacs guaranteed commutation
December 1998
More results

Similar Description - BTA204S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com