Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC139D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHC139D
Description  Dual 2-to-4 line decoder/demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC139D Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC139D Datasheet HTML 1Page - NXP Semiconductors 74AHC139D Datasheet HTML 2Page - NXP Semiconductors 74AHC139D Datasheet HTML 3Page - NXP Semiconductors 74AHC139D Datasheet HTML 4Page - NXP Semiconductors 74AHC139D Datasheet HTML 5Page - NXP Semiconductors 74AHC139D Datasheet HTML 6Page - NXP Semiconductors 74AHC139D Datasheet HTML 7Page - NXP Semiconductors 74AHC139D Datasheet HTML 8Page - NXP Semiconductors 74AHC139D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74AHC_AHCT139_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
2 of 14
NXP Semiconductors
74AHC139; 74AHCT139
Dual 2-to-4 line decoder/demultiplexer
4.
Functional diagram
74AHCT139
74AHCT139D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74AHCT139PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Table 1.
Ordering information …continued
Type number
Package
Temperature range Name
Description
Version
a = demultiplexer and b = decoder
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna779
1A0
1A1
2A0
2A1
2E
1E
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
1
15
9
10
11
12
7
6
5
4
13
14
3
2
mna781
4
3
2
1
0
1
DX
5
6
7
0
1
2
3
G
0
3
12
13
14
1
0
15
DX
(a)
(b)
11
10
9
0
1
2
3
G
0
3
4
3
2
2
EN
EN
1
1
X/Y
5
6
7
0
1
2
3
12
13
14
2
1
15
X/Y
11
10
9
0
1
2
3
Fig 3.
Functional diagram
mna780
1Y0
1Y1
1Y2
1Y3
7
6
5
4
1A0
1A1
1E
1
3
2
2Y0
2Y1
2Y2
2Y3
9
10
11
12
2A0
2A1
2E
15
13
14
DECODER
DECODER


Similar Part No. - 74AHC139D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC139D PHILIPS-74AHC139D Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Nexperia B.V. All right...
74AHC139D NEXPERIA-74AHC139D Datasheet
592Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02 - 9 May 2008
74AHC139D-Q100 NEXPERIA-74AHC139D-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
More results

Similar Description - 74AHC139D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com