Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH2245DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVTH2245DB
Description  3.3 V octal transceiver with 30 W termination resistors; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH2245DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVTH2245DB Datasheet HTML 3Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 4Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 5Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 6Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 7Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 8Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 9Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 10Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LVT_LVTH2245_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 24 April 2006
7 of 15
Philips Semiconductors
74LVT2245; 74LVTH2245
3.3 V octal transceiver with 30
Ω termination resistors; 3-state
[1]
Typical values are at VCC = 3.3 V and Tamb = 25 °C.
[2]
Unused pins at VCC or GND.
[3]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[4]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC =1.2 VtoVCC = 3.0 V to 3.6 V
a transition time of 100
µs is permitted.
[5]
ICC is measured with outputs pulled to VCC or GND.
[6]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
11. Dynamic characteristics
[1]
Typical values are at VCC = 3.3 V and Tamb = 25 °C.
∆I
CC
additional quiescent supply
current
per input pin; VCC =3 Vto3.6 V;
one input at VCC − 0.6 V; other
inputs at VCC or GND
[6] -
0.1
0.2
mA
Ci
input capacitance pins DIR
and OE
VI = 0 V or 3.0 V
-
4
-
pF
Cio
input/output capacitance
pins An and Bn
outputs disabled;
VI/O = 0 V or 3.0 V
-10
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPLH
LOW-to-HIGH propagation delay
An to Bn or Bn to An
see Figure 5
VCC = 3.0 V to 3.6 V
1.0
3.2
4.6
ns
VCC = 2.7 V
-
-
5.3
ns
tPHL
HIGH-to-LOW propagation delay
An to Bn or Bn to An
see Figure 5
VCC = 3.0 V to 3.6 V
1.0
3.1
4.5
ns
VCC = 2.7 V
-
-
4.9
ns
tPZH
output enable time to HIGH-state
see Figure 6
VCC = 3.0 V to 3.6 V
1.1
4.5
7.0
ns
VCC = 2.7 V
-
-
9.1
ns
tPZL
output enable time to LOW-state
see Figure 6
VCC = 3.0 V to 3.6 V
1.5
4.3
6.5
ns
VCC = 2.7 V
-
-
7.6
ns
tPHZ
output disable time from
HIGH-state
see Figure 6
VCC = 3.0 V to 3.6 V
2.2
3.7
5.2
ns
VCC = 2.7 V
-
-
5.6
ns
tPLZ
output disable time from
LOW-state
see Figure 6
VCC = 3.0 V to 3.6 V
2.0
3.6
5.0
ns
VCC = 2.7 V
-
-
5.0
ns


Similar Part No. - 74LVTH2245DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVTH2245D NEXPERIA-74LVTH2245D Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
Texas Instruments
74LVTH2245DGVRE4 TI-74LVTH2245DGVRE4 Datasheet
590Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH2245DGVRG4 TI-74LVTH2245DGVRG4 Datasheet
590Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH2245DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH2245 PHILIPS-74LVT_LVTH2245_15 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
74LVT2241 NEXPERIA-74LVT2241 Datasheet
235Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 3 - 17 February 2021
logo
NXP Semiconductors
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com